Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD22157 Datasheet (PDF) - Analog Devices

AD22157 Datasheet PDF - Analog Devices
Part # AD22157
Download  AD22157 Download
File Size   283.17 Kbytes
Page   7 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Wheel Speed Sensor For ABS Systems

AD22157 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD22157 Datasheet PDF - Analog Devices

Part # AD22157
Download  AD22157 Click to download

File Size   283.17 Kbytes
Page   7 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Wheel Speed Sensor For ABS Systems

AD22157 Datasheet (HTML) - Analog Devices


AD22157 Product details

GENERAL DESCRIPTION
The AD22157 is a mixed signal magnetic field transducer designed for applications where both speed sensing and direction sensing of a ferrous target wheel are required over a wide speed range.
The device operates from a 2 wire high compliance current loop and is suitable for continuous operation from -40C to 150C with supplies up to +20 Vdc. The sensor is designed to remain functional during voltage transients up to +27V.

FEATURES
    Speed and direction from 0Hz to 2500Hz
    Air gap diagnostics
    2-wire current-loop operation
    Wide Operating Temperature Range
    Functional during temperature excursions to 190C
    Reverse Supply Protected (-30V)

APPLICATIONS
    Automotive
        Wheel speed and direction sensing
        Transmission speed sensing
    Industrial
        Incremental position sensing
        Proximity switching




Similar Part No. - AD22157

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD22157 AD-AD22157_15 Datasheet
845Kb / 7P
Wheel Speed Sensor For ABS Systems
REV. PrA
More results


Similar Description - AD22157

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CY30 ETC1-CY30 Datasheet
128Kb / 2P
Sensor interface for an inductive engine wheel speed single rotation sensor
logo
Analog Devices
AD22157 AD-AD22157_15 Datasheet
845Kb / 7P
Wheel Speed Sensor For ABS Systems
REV. PrA
logo
Allegro MicroSystems
A19250 ALLEGRO-A19250 Datasheet
893Kb / 10P
High Accuracy GMR Wheel Speed Sensor IC
A19350 ALLEGRO-A19350 Datasheet
1Mb / 14P
High Accuracy GMR Wheel Speed and Direction Sensor IC
ARS19200 ALLEGRO-ARS19200 Datasheet
646Kb / 11P
ASIL-Compliant Wheel Speed Sensor IC
A19301 ALLEGRO-A19301 Datasheet
1Mb / 15P
ASIL-Compliant Hall-Effect Wheel Speed Sensor IC
logo
Infineon Technologies A...
TLE5041PLUSC INFINEON-TLE5041PLUSC Datasheet
2Mb / 30P
iGMR based Wheel Speed Sensor
V 1.2, 2018-01-18
logo
TE Connectivity Ltd
CAT-ATS0005 TEC-CAT-ATS0005 Datasheet
97Kb / 1P
WHEEL SPEED SENSOR ??OPTION 1
CAT-ATS0006 TEC-CAT-ATS0006 Datasheet
96Kb / 1P
WHEEL SPEED SENSOR ??OPTION 2
logo
Allegro MicroSystems
A19200 ALLEGRO-A19200 Datasheet
984Kb / 12P
ASIL-Compliant Wheel Speed Sensor IC
Rev. 2 April 11, 2022
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com