Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1650REMS Datasheet (PDF) - Microchip Technology

MCP1650REMS Datasheet PDF - Microchip Technology
Part # MCP1650REMS
Download  MCP1650REMS Download
File Size   582.66 Kbytes
Page   28 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 750 kHz Boost Controller

MCP1650REMS Datasheet (PDF)

Go To PDF Page Download Datasheet
MCP1650REMS Datasheet PDF - Microchip Technology

Part # MCP1650REMS
Download  MCP1650REMS Click to download

File Size   582.66 Kbytes
Page   28 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 750 kHz Boost Controller

MCP1650REMS Datasheet (HTML) - Microchip Technology


MCP1650REMS Product details

Description
The MCP1650/51/52/53 is a 750 kHz gated oscillator boost controller packaged in an 8 or 10-pin MSOP package. Developed for high-power, portable applications, the gated oscillator controller can deliver 5 watts of power to the load while consuming only 120 µA of quiescent current at no load. The MCP1650/51/52/53 can operate over a wide input voltage range (2.0V to 5.5V) to accommodate multiple primary-cell and singlecell Li-Ion battery-powered applications, in addition to 2.8V, 3.3V and 5.0V regulated input voltages.

Features
• Output Power Capability Over 5 Watts
• Output Voltage Capability From 3.3V to Over 100V
• 750 kHz Gated Oscillator Switching Frequency
• Adaptable Duty Cycle for Battery or Wide-Input, Voltage-Range Applications
• Input Voltage Range: 2.0V to 5.5V
• Capable of SEPIC and Flyback Topologies
• Shutdown Control with IQ < 0.1 µA (Typical)
• Low Operating Quiescent Current: IQ = 120 µA
• Voltage Feedback Tolerance (0.6%, Typical)
• Popular MSOP-8 Package
• Peak Current Limit Feature
• Two Undervoltage Lockout (UVLO) Options:
   - 2.0V or 2.55V
• Operating Temperature Range: -40°C to +125°C

Applications
• High-Power Boost Applications
• High-Voltage Bias Supplies
• White LED Drivers and Flashlights
• Local 3.3V to 5.0V Supplies
• Local 3.3V to 12V Supplies
• Local 5.0V to 12V Supplies
• LCD Bias Supply




Similar Part No. - MCP1650REMS

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1650R-E/MS MICROCHIP-MCP1650R-E/MS Datasheet
483Kb / 30P
750 kHz Boost Controller
11/29/12
MCP1650RT-E/MS MICROCHIP-MCP1650RT-E/MS Datasheet
483Kb / 30P
750 kHz Boost Controller
11/29/12
More results


Similar Description - MCP1650REMS

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
TP-104 MACOM-TP-104 Datasheet
106Kb / 1P
RF Pulse Transformer 750 kHz - 400 MHz
logo
ON Semiconductor
CS5171 ONSEMI-CS5171 Datasheet
184Kb / 22P
1.5 A 280 kHz/560 kHz Boost Regulators
June, 2004 ??Rev. 20
NCP1442 ONSEMI-NCP1442 Datasheet
163Kb / 20P
4.0 A 280 kHz/560 kHz Boost Regulators
October, 2004 ??Rev. 7
logo
MTRONPTI
SF1001 MTRONPTI-SF1001 Datasheet
340Kb / 2P
140 MHz 750 kHz SAW Filter
logo
ON Semiconductor
CS5171 ONSEMI-CS5171_06 Datasheet
230Kb / 21P
1.5 A 280 kHz/560 kHz Boost Regulators
October, 2006 ??Rev. 22
logo
M/A-COM Technology Solu...
TP-104 MA-COM-TP-104 Datasheet
60Kb / 2P
RF Pulse Transformer, 750 KHz - 400 MHz
logo
ON Semiconductor
NCV5171 ONSEMI-NCV5171_10 Datasheet
262Kb / 19P
1.5 A 280 kHz/560 kHz Boost Regulators
January, 2010 ??Rev. 4
NCV5171 ONSEMI-NCV5171_11 Datasheet
238Kb / 19P
1.5 A 280 kHz/560 kHz Boost Regulators
October, 2011 ??Rev. 4
logo
Microchip Technology
MCP1650 MICROCHIP-MCP1650_13 Datasheet
483Kb / 30P
750 kHz Boost Controller
2004-2013
MCP1651S-E-MS MICROCHIP-MCP1651S-E-MS Datasheet
483Kb / 30P
750 kHz Boost Controller
11/29/12
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com