Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMK90A160B Datasheet (PDF) - MacMic

MMK90A160B Datasheet PDF - MacMic
Part # MMK90A160B
Download  MMK90A160B Download
File Size   703.93 Kbytes
Page   5 Pages
Manufacturer  MACMIC [MacMic]
Direct Link  https://macmicst.com.tw
Logo MACMIC - MacMic
Description 1600V 90A thyristor Module

MMK90A160B Datasheet (PDF)

Go To PDF Page Download Datasheet
MMK90A160B Datasheet PDF - MacMic

Part # MMK90A160B
Download  MMK90A160B Click to download

File Size   703.93 Kbytes
Page   5 Pages
Manufacturer  MACMIC [MacMic]
Direct Link  https://macmicst.com.tw
Logo MACMIC - MacMic
Description 1600V 90A thyristor Module

MMK90A160B Datasheet (HTML) - MacMic




Similar Part No. - MMK90A160B

ManufacturerPart #DatasheetDescription
logo
MacMic
MMK90A160UA MACMIC-MMK90A160UA Datasheet
522Kb / 5P
1600V 90A thyristor Module
MMK90A160UK MACMIC-MMK90A160UK Datasheet
522Kb / 5P
1600V 90A thyristor Module
More results


Similar Description - MMK90A160B

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PGH20016AM NIEC-PGH20016AM Datasheet
240Kb / 4P
THYRISTOR MODULE 200A / 1600V
PGH7516AM NIEC-PGH7516AM Datasheet
233Kb / 4P
THYRISTOR MODULE 75A / 1600V
PGH10016AM NIEC-PGH10016AM Datasheet
234Kb / 4P
THYRISTOR MODULE 100A / 1600V
logo
Micross Components
MIMMK90A160UK MICROSS-MIMMK90A160UK Datasheet
2Mb / 5P
1600V 90A thyristor Module RoHS Compliant
MIMMK90A160UA MICROSS-MIMMK90A160UA Datasheet
2Mb / 5P
1600V 90A thyristor Module RoHS Compliant
MIMMK90A160B MICROSS-MIMMK90A160B Datasheet
2Mb / 5P
1600V 90A thyristor Module RoHS Compliant
logo
MacMic
MMK40A160B MACMIC-MMK40A160B Datasheet
400Kb / 5P
1600V 40A thyristor Module
MMK40A160UA MACMIC-MMK40A160UA Datasheet
455Kb / 6P
1600V 40A thyristor Module
MMK90A160UA MACMIC-MMK90A160UA Datasheet
522Kb / 5P
1600V 90A thyristor Module
MMK90A160UK MACMIC-MMK90A160UK Datasheet
522Kb / 5P
1600V 90A thyristor Module
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com