Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SQJ260EP Datasheet (PDF) - Vishay Siliconix

SQJ260EP Datasheet PDF - Vishay Siliconix
Part # SQJ260EP
Download  SQJ260EP Download
File Size   416.71 Kbytes
Page   12 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFETs

SQJ260EP Datasheet (PDF)

Go To PDF Page Download Datasheet
SQJ260EP Datasheet PDF - Vishay Siliconix

Part # SQJ260EP
Download  SQJ260EP Click to download

File Size   416.71 Kbytes
Page   12 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFETs

SQJ260EP Datasheet (HTML) - Vishay Siliconix


SQJ260EP Product details

• TrenchFET® power MOSFET
• AEC-Q101 qualified
• 100 % Rg and UIS tested
• Optimized for synchronous buck applications




Similar Part No. - SQJ260EP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQJ260EP VISHAY-SQJ260EP Datasheet
417Kb / 12P
Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFETs
15-May-17
SQJ260EP VISHAY-SQJ260EP Datasheet
416Kb / 12P
Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFETs
15-May-17
SQJ260EP VISHAY-SQJ260EP_V01 Datasheet
417Kb / 12P
Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFETs
15-May-17
SQJ260EP VISHAY-SQJ260EP_V02 Datasheet
416Kb / 12P
Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFETs
15-May-17
More results


Similar Description - SQJ260EP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQJ264EP VISHAY-SQJ264EP Datasheet
346Kb / 12P
Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFETs
30-Dec-2019
SQJ262EP VISHAY-SQJ262EP Datasheet
387Kb / 12P
Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFETs
15-May-17
SQJ260EP VISHAY-SQJ260EP_V01 Datasheet
417Kb / 12P
Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFETs
15-May-17
SQJ262EP VISHAY-SQJ262EP_V01 Datasheet
388Kb / 12P
Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFETs
15-May-17
SQJ264EP VISHAY-SQJ264EP_V01 Datasheet
347Kb / 12P
Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFETs
30-Dec-2019
SQ2308ES VISHAY-SQ2308ES Datasheet
116Kb / 7P
Automotive N-Channel 60 V (D-S) 175 °C MOSFETs
27-Sep-10
SQR97N06-6M3L VISHAY-SQR97N06-6M3L Datasheet
214Kb / 8P
Automotive N-Channel 60 V (D-S) 175 °C MOSFETs
22-Sep-15
SQJ260EP VISHAY-SQJ260EP_V02 Datasheet
416Kb / 12P
Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFETs
15-May-17
SQJ262EP VISHAY-SQJ262EP_V02 Datasheet
387Kb / 12P
Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFETs
15-May-17
SQJ264EP VISHAY-SQJ264EP_V02 Datasheet
346Kb / 12P
Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFETs
30-Dec-2019
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com