Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SQJ128ELP Datasheet (PDF) - Vishay Siliconix

SQJ128ELP Datasheet PDF - Vishay Siliconix
Part # SQJ128ELP
Download  SQJ128ELP Download
File Size   247.65 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Automotive N-Channel 30 V (D-S) 175 °C MOSFET

SQJ128ELP Datasheet (PDF)

Go To PDF Page Download Datasheet
SQJ128ELP Datasheet PDF - Vishay Siliconix

Part # SQJ128ELP
Download  SQJ128ELP Click to download

File Size   247.65 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Automotive N-Channel 30 V (D-S) 175 °C MOSFET

SQJ128ELP Datasheet (HTML) - Vishay Siliconix


SQJ128ELP Product details

• TrenchFET® Gen IV power MOSFET
• AEC-Q101 qualified
• 100 % Rg and UIS tested
• Qgd/Qgs ratio < 1 optimizes switching
characteristics




Similar Part No. - SQJ128ELP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQJ128ELP VISHAY-SQJ128ELP Datasheet
250Kb / 8P
Automotive N-Channel 30 V (D-S) 175 °C MOSFET
28-Sep-2020
SQJ128ELP VISHAY-SQJ128ELP Datasheet
342Kb / 8P
Automotive N-Channel 30 V (D-S) 175 °C MOSFET
28-Sep-2020
SQJ128ELP VISHAY-SQJ128ELP_V01 Datasheet
250Kb / 8P
Automotive N-Channel 30 V (D-S) 175 °C MOSFET
28-Sep-2020
SQJ128ELP VISHAY-SQJ128ELP_V02 Datasheet
342Kb / 8P
Automotive N-Channel 30 V (D-S) 175 °C MOSFET
28-Sep-2020
More results


Similar Description - SQJ128ELP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQJ840EP VISHAY-SQJ840EP Datasheet
152Kb / 9P
Automotive N-Channel 30 V (D-S) 175 °C MOSFET
28-Nov-11
SQM120N03-1M5L VISHAY-SQM120N03-1M5L Datasheet
173Kb / 9P
Automotive N-Channel 30 V (D-S) 175 °C MOSFET
13-Jun-11
SQD100N03-3M2L VISHAY-SQD100N03-3M2L_15 Datasheet
160Kb / 10P
Automotive N-Channel 30 V (D-S) 175 °C MOSFET
04-Mar-13
SQM120N031M5L VISHAY-SQM120N031M5L_15 Datasheet
163Kb / 10P
Automotive N-Channel 30 V (D-S) 175 °C MOSFET
13-Jun-11
SQ1470AEH VISHAY-SQ1470AEH Datasheet
296Kb / 13P
Automotive N-Channel 30 V (D-S) 175 °C MOSFET
17-Jun-15
SQM30010EL VISHAY-SQM30010EL_V02 Datasheet
196Kb / 9P
Automotive N-Channel 30 V (D-S) 175 °C MOSFET
02-Jul-2018
SQJ128ELP VISHAY-SQJ128ELP_V02 Datasheet
342Kb / 8P
Automotive N-Channel 30 V (D-S) 175 °C MOSFET
28-Sep-2020
SQD100N03-3M4 VISHAY-SQD100N03-3M4_V02 Datasheet
161Kb / 9P
Automotive N-Channel 30 V (D-S) 175 °C MOSFET
10-Dec-12
SQ1470AEH VISHAY-SQ1470AEH_V02 Datasheet
280Kb / 12P
Automotive N-Channel 30 V (D-S) 175 °C MOSFET
17-Jun-15
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com