Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54HC241D1 Datasheet (PDF) - STMicroelectronics

M54HC241D1 Datasheet PDF - STMicroelectronics
Part # M54HC241D1
Download  M54HC241D1 Download
File Size   164.22 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description RAD-HARD OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)

M54HC241D1 Datasheet (PDF)

Go To PDF Page Download Datasheet
M54HC241D1 Datasheet PDF - STMicroelectronics

Part # M54HC241D1
Download  M54HC241D1 Click to download

File Size   164.22 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description RAD-HARD OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)

M54HC241D1 Datasheet (HTML) - STMicroelectronics


M54HC241D1 Product details

Description
The M54HCxxx and M54HCTxxx series are composed of over 90 types of high speed CMOS functions specifically designed to meet the radiation requirements of the aerospace industry. It includes a large set of gates, Flip-Flops, Multiplexers, Counters, Bus interface and several other functions. The radiation hardness, the single event latch-up (SEL) immunity and the housing in hermetic packages of all types of both series make them ideally suited for use in the most difficult environmental conditions.

Features
■ 2 to 6 V operating voltage
■ Low power DC dissipation: 1 µA max at 25°C
■ High speed tPD = 8 ns typ at 25°C
■ Symmetrical outputs characteristics
■ High noise immunity: 28% of min VCC
■ Hermetic packages
■ Rad-hard 50 krad (Si)
■ SEL immune up to 110 MeV/mg/cm²
■ ESCC qualified
■ Same die and electrical specification for engineering and flight models
■ The complete specification of each type is available from the ESCC web site: https://escies.org using its ESCC part number.
ST guarantees full compliance of qualified parts with these ESCC specifications




Similar Part No. - M54HC241D1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC241D STMICROELECTRONICS-M54HC241D Datasheet
306Kb / 29P
Rad-hard high speed 2 to 6 V CMOS logic series
10-Aug-2011
More results


Similar Description - M54HC241D1

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LVX240F TOSHIBA-TC74LVX240F Datasheet
281Kb / 8P
OCTAL BUS BUFFER. INVERTED/NON-INVERTED 3-STATE OUTPUTS
TC74VHC540F TOSHIBA-TC74VHC540F Datasheet
254Kb / 7P
OCTAL BUS BUFFER INVERTED/NON INVERTED, 3-STATE OUTPUTS
06-Aug-1997
TC74VHCT240AF TOSHIBA-TC74VHCT240AF Datasheet
256Kb / 6P
OCTAL BUS BUFFER INVERTED/NON-INVERTED, 3-STATE OUTPUTS
06-Aug-1997
logo
STMicroelectronics
M54HC244 STMICROELECTRONICS-M54HC244 Datasheet
154Kb / 10P
RAD-HARD OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
April 2004
M54HC540 STMICROELECTRONICS-M54HC540_04 Datasheet
266Kb / 11P
RAD-HARD OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (INVERTED)
14-May-2004
M54HC541 STMICROELECTRONICS-M54HC541_04 Datasheet
254Kb / 11P
RAD-HARD OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
14-May-2004
M54HC245 STMICROELECTRONICS-M54HC245_04 Datasheet
164Kb / 10P
RAD-HARD OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS (NON INVERTED)
Apr-2004
M54HC240 STMICROELECTRONICS-M54HC240_04 Datasheet
158Kb / 10P
RAD-HARD OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (INVERTED)
Apr-2004
M54HCT244 STMICROELECTRONICS-M54HCT244_04 Datasheet
227Kb / 10P
RAD HARD OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
15-Jun-2004
M54HCT245 STMICROELECTRONICS-M54HCT245_04 Datasheet
234Kb / 10P
RAD HARD OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS (NON INVERTED)
15-Jun-2004
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com