Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX2645 Datasheet (PDF) - Maxim Integrated Products

MAX2645 Datasheet PDF - Maxim Integrated Products
Part # MAX2645
Download  MAX2645 Download
File Size   219.13 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 3.4GHz to 3.8GHz SiGe Low-Noise Amplifier/PA Predriver

MAX2645 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX2645 Datasheet PDF - Maxim Integrated Products

Part # MAX2645
Download  MAX2645 Click to download

File Size   219.13 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 3.4GHz to 3.8GHz SiGe Low-Noise Amplifier/PA Predriver

MAX2645 Datasheet (HTML) - Maxim Integrated Products




Similar Part No. - MAX2645

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2645 MAXIM-MAX2645 Datasheet
232Kb / 4P
Evaluation Kit
Rev 0; 7/00
MAX2645EVKIT MAXIM-MAX2645EVKIT Datasheet
232Kb / 4P
Evaluation Kit
Rev 0; 7/00
MAX2645 MAXIM-MAX2645_1 Datasheet
232Kb / 4P
Evaluation Kit
Rev 0; 7/00
More results


Similar Description - MAX2645

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2644 MAXIM-MAX2644 Datasheet
162Kb / 8P
2.4GHz SiGe, High IP3 Low-Noise Amplifier
Rev 1; 11/03
logo
California Eastern Labs
UPC8215TU CEL-UPC8215TU Datasheet
291Kb / 8P
SiGe LOW NOISE AMPLIFIER FOR GPS/MOBILE COMMUNICATIONS
logo
Renesas Technology Corp
HA31006ANP RENESAS-HA31006ANP Datasheet
158Kb / 11P
SiGe MMIC High Frequency Low Noise Amplifier
RQL1001JLAQH RENESAS-RQL1001JLAQH Datasheet
274Kb / 9P
SiGe MMIC High Frequency Low Noise Amplifier
RQL1001JLAQH RENESAS-RQL1001JLAQH Datasheet
274Kb / 9P
SiGe MMIC High Frequency Low Noise Amplifier
logo
Toshiba Semiconductor
TIM3438-12UL TOSHIBA-TIM3438-12UL Datasheet
145Kb / 4P
HIGH POWER P1dB=41.5dBm at 3.4GHz to 3.8GHz
logo
Maxim Integrated Produc...
MAX2644 MAXIM-MAX2644_03 Datasheet
168Kb / 8P
2.4GHz SiGe, High IP3 Low-Noise Amplifier
Rev 1; 11/03
logo
Freescale Semiconductor...
MBC13720NT1 FREESCALE-MBC13720NT1 Datasheet
1,012Kb / 24P
SiGe C Low Noise Amplifier with Bypass Switch
logo
RF Micro Devices
SZM-3066Z RFMD-SZM-3066Z Datasheet
444Kb / 12P
3.3GHz to 3.8GHz 2W POWER AMPLIFIER
logo
Renesas Technology Corp
F0448 RENESAS-F0448 Datasheet
3Mb / 35P
Dual Matched Broadband RF DVGA 3.4GHz to 3.8GHz
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com