Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLMW41R1 Datasheet (PDF) - Vishay Siliconix

VLMW41R1 Datasheet PDF - Vishay Siliconix
Part # VLMW41R1
Download  VLMW41R1 Download
File Size   215.76 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Standard SMD LED PLCC-2

VLMW41R1 Datasheet (PDF)

Go To PDF Page Download Datasheet
VLMW41R1 Datasheet PDF - Vishay Siliconix

Part # VLMW41R1
Download  VLMW41R1 Click to download

File Size   215.76 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Standard SMD LED PLCC-2

VLMW41R1 Datasheet (HTML) - Vishay Siliconix


VLMW41R1 Product details

• High efficient InGaN technology
• Chromaticity coordinate categorized according
to CIE1931 per packing unit
• Typical color temperature 5000 K
• EIA and ICE standard package
• Compatible with reflow, vapor phase and wave
solder processes according to CECC 00802
and J-STD-020
• Available in 8 mm tape reel
• Preconditioning according to JEDEC® level 2a
• ESD-withstand voltage: up to 2 kV according to
JESD22-A114-B
• Luminous intensity ratio in one packing unit
IVmax./IVmin. ≤ 1.6
• AEC-Q101 qualified




Similar Part No. - VLMW41R1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMW41R1T1 VISHAY-VLMW41R1T1 Datasheet
216Kb / 7P
Standard SMD LED PLCC-2
22-Mar-16
VLMW41R1T1-5K8L-08 VISHAY-VLMW41R1T1-5K8L-08 Datasheet
178Kb / 9P
Standard SMD LED PLCC-2
23-Oct-07
VLMW41R1T1-5K8L-08 VISHAY-VLMW41R1T1-5K8L-08 Datasheet
989Kb / 8P
Standard SMD LED PLCC-2
26-Apr-13
VLMW41R1T1-5K8L-08 VISHAY-VLMW41R1T1-5K8L-08 Datasheet
181Kb / 8P
High efficient InGaN technology
03-Aug-15
logo
HK TO-GRACE TECHNOLOGY ...
VLMW41R1T1-5K8L-08 TO-GRACE-VLMW41R1T1-5K8L-08 Datasheet
717Kb / 8P
Standard SMD LED PLCC-2
More results


Similar Description - VLMW41R1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMB31J2L2-GS08 VISHAY-VLMB31J2L2-GS08 Datasheet
167Kb / 8P
Standard SMD LED PLCC-2
23-Oct-07
VLME31Q2T1-GS08 VISHAY-VLME31Q2T1-GS08 Datasheet
191Kb / 9P
Standard SMD LED PLCC-2
06-Sep-07
VLMF3100-GS08 VISHAY-VLMF3100-GS08 Datasheet
188Kb / 8P
Standard SMD LED PLCC-2
31-Aug-07
VLMH3100-GS08 VISHAY-VLMH3100-GS08 Datasheet
205Kb / 14P
Standard SMD LED PLCC-2
16-May-08
VLMPG31L1M2 VISHAY-VLMPG31L1M2 Datasheet
172Kb / 8P
Standard SMD LED PLCC-2
28-Feb-07
VLMS3100-GS08 VISHAY-VLMS3100-GS08 Datasheet
171Kb / 8P
Standard SMD LED PLCC-2
30-Aug-07
VLMW41R2S2-5K8L-08 VISHAY-VLMW41R2S2-5K8L-08 Datasheet
178Kb / 9P
Standard SMD LED PLCC-2
23-Oct-07
VLMY31 VISHAY-VLMY31 Datasheet
940Kb / 7P
Standard SMD LED PLCC-2
26-Apr-13
logo
HK TO-GRACE TECHNOLOGY ...
VLMB31J2L2-GS08 TO-GRACE-VLMB31J2L2-GS08 Datasheet
641Kb / 7P
Standard SMD LED PLCC-2
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com