Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VST20HF220 Datasheet (PDF) - Vishay Siliconix

VST20HF220 Datasheet PDF - Vishay Siliconix
Part # VST20HF220
Download  VST20HF220 Download
File Size   137.6 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Power Rectifier Diodes (T-Modules), 2200 V, 20 A

VST20HF220 Datasheet (PDF)

Go To PDF Page Download Datasheet
VST20HF220 Datasheet PDF - Vishay Siliconix

Part # VST20HF220
Download  VST20HF220 Click to download

File Size   137.6 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Power Rectifier Diodes (T-Modules), 2200 V, 20 A

VST20HF220 Datasheet (HTML) - Vishay Siliconix


VST20HF220 Product details

• Electrically isolated base plate
• 2200 VRRM
• Industrial standard packaging
• UL approved file E78996
• Simplified mechanical designs, rapid assembly
• Large creepage distances
• Designed and qualified for industrial level




Similar Part No. - VST20HF220

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
VST-04X04-CA1 JDSU-VST-04X04-CA1 Datasheet
176Kb / 2P
VOA & Power Meter Switch Tray
VST-04X04-CU1 JDSU-VST-04X04-CU1 Datasheet
176Kb / 2P
VOA & Power Meter Switch Tray
VST-04X04-FA1 JDSU-VST-04X04-FA1 Datasheet
176Kb / 2P
VOA & Power Meter Switch Tray
VST-04X04-FU1 JDSU-VST-04X04-FU1 Datasheet
176Kb / 2P
VOA & Power Meter Switch Tray
VST-04X04-LA1 JDSU-VST-04X04-LA1 Datasheet
176Kb / 2P
VOA & Power Meter Switch Tray
More results


Similar Description - VST20HF220

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T40HF VISHAY-T40HF Datasheet
303Kb / 11P
Power Rectifier Diodes (T-Modules), 40 A/70 A/85 A/110 A
12-Jun-08
logo
ON Semiconductor
MBRF20H150CTG ONSEMI-MBRF20H150CTG Datasheet
92Kb / 6P
SWITCHMODE??Power Rectifier 150 V, 20 A
October, 2007 - Rev. 0
logo
Vishay Siliconix
T40HF VISHAY-T40HF_10 Datasheet
294Kb / 12P
Power Rectifier Diodes (T-Modules), 40 A to 110 A
20-May-10
T40HFL VISHAY-T40HFL_10 Datasheet
426Kb / 16P
Fast Recovery Diodes (T-Modules), 40 A/70 A/85 A
19-May-10
VS-T70HFL60S02 VISHAY-VS-T70HFL60S02 Datasheet
423Kb / 16P
Fast Recovery Diodes (T-Modules), 40 A/70 A/85 A
19-May-10
VS-T20HF220 VISHAY-VS-T20HF220 Datasheet
145Kb / 6P
Power Rectifier Diodes (T-Modules), 2200 V, 20 A
20-Dec-16
VS-T20HF220 VISHAY-VS-T20HF220_V01 Datasheet
138Kb / 6P
Power Rectifier Diodes (T-Modules), 2200 V, 20 A
05-Jan-18
VS-T40HF VISHAY-VS-T40HF_V01 Datasheet
272Kb / 11P
Power Rectifiers Diodes (T-modules), 40 A to 110 A
04-May-17
T40HFL VISHAY-T40HFL_V01 Datasheet
427Kb / 16P
Fast Recovery Diodes (T-Modules), 40 A/70 A/85 A
19-May-10
VS-T40HFL VISHAY-VS-T40HFL_V01 Datasheet
367Kb / 16P
Fast Recovery Diodes (T-Modules), 40 A, 70 A, 85 A
24-Sep-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com