Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8007 Datasheet (PDF) - Analog Devices

AD8007 Datasheet PDF - Analog Devices
Part # AD8007
Download  AD8007 Download
File Size   487.27 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description ULTRALOW DISTORTION HIGH SPEED AMPLIFIERS

AD8007 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8007 Datasheet PDF - Analog Devices

Part # AD8007
Download  AD8007 Click to download

File Size   487.27 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description ULTRALOW DISTORTION HIGH SPEED AMPLIFIERS

AD8007 Datasheet (HTML) - Analog Devices


AD8007 Product details

GENERAL DESCRIPTION

The AD8007 (single) and AD8008 (dual) are high performance current feedback amplifiers with ultralow distortion and noise. Unlike other high performance amplifiers, the low price and low quiescent current allow these amplifiers to be used in a wide range of applications. ADI’s proprietary second generation eXtra-Fast Complementary Bipolar (XFCB) process enables such high performance amplifiers with low power consumption.



FEATURES

Extremely Low Distortion

  Second Harmonic

    –88 dBc @ 5 MHz

    –83 dBc @ 20 MHz (AD8007)

    –77 dBc @ 20 MHz (AD8008)

  Third Harmonic

    –101 dBc @ 5 MHz

    –92 dBc @ 20 MHz (AD8007)

    –98 dBc @ 20 MHz (AD8008)

High Speed

  650 MHz, –3 dB Bandwidth (G = +1)

  1000 V/µs Slew Rate

Low Noise

  2.7 nV/√Hz Input Voltage Noise

  22.5 pA/√Hz Input Inverting Current Noise

Low Power

  9 mA/Amplifier Typ Supply Current

Wide Supply Voltage Range

  5 V to 12 V 0.5 mV Typical Input Offset Voltage

  Small Packaging SOIC-8, MSOP, and SC70 Packages Available



APPLICATIONS

Instrumentation

IF and Baseband Amplifiers

Filters

A/D Drivers

DAC Buffers



 




Similar Part No. - AD8007

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8007 AD-AD8007 Datasheet
423Kb / 20P
Ultralow Distortion High Speed Amplifiers
REV. D
AD8007 AD-AD8007 Datasheet
535Kb / 21P
Ultralow Distortion,High Speed Amplifiers
Rev. E
AD8007 AD-AD8007 Datasheet
371Kb / 20P
Ultralow Distortion, High Speed Amplifiers
Rev. E
AD8007AKS-R2 AD-AD8007AKS-R2 Datasheet
423Kb / 20P
Ultralow Distortion High Speed Amplifiers
REV. D
AD8007AKS-R2 AD-AD8007AKS-R2 Datasheet
535Kb / 21P
Ultralow Distortion,High Speed Amplifiers
Rev. E
More results


Similar Description - AD8007

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4011 TI-THS4011 Datasheet
439Kb / 30P
290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
logo
Analog Devices
AD8007 AD-AD8007_03 Datasheet
423Kb / 20P
Ultralow Distortion High Speed Amplifiers
REV. D
logo
Texas Instruments
THS4011IDGNR TI-THS4011IDGNR Datasheet
1Mb / 35P
290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
THS4012CDGNR TI-THS4012CDGNR Datasheet
1Mb / 35P
290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
logo
Analog Devices
AD8007ARZR7 AD-AD8007ARZR7 Datasheet
535Kb / 21P
Ultralow Distortion,High Speed Amplifiers
Rev. E
logo
National Semiconductor ...
THS4011 NSC-THS4011 Datasheet
1Mb / 36P
290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
logo
Analog Devices
AD8007 AD-AD8007_15 Datasheet
587Kb / 21P
Ultralow Distortion, High Speed Amplifiers
Rev. E
AD8008 AD-AD8008_15 Datasheet
587Kb / 21P
Ultralow Distortion, High Speed Amplifiers
Rev. E
AD8099 AD-AD8099_15 Datasheet
811Kb / 29P
Ultralow Distortion, High Speed
REV. D
logo
Texas Instruments
THS4011 TI1-THS4011_16 Datasheet
1Mb / 35P
290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com