Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC3S12020B Datasheet (PDF) - Rectron Semiconductor

SC3S12020B Datasheet PDF - Rectron Semiconductor
Part # SC3S12020B
Download  SC3S12020B Download
File Size   289.04 Kbytes
Page   5 Pages
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor
Description 200V/20A Silicon Carbide Schottky Diode

SC3S12020B Datasheet (PDF)

Go To PDF Page Download Datasheet
SC3S12020B Datasheet PDF - Rectron Semiconductor

Part # SC3S12020B
Download  SC3S12020B Click to download

File Size   289.04 Kbytes
Page   5 Pages
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor
Description 200V/20A Silicon Carbide Schottky Diode

SC3S12020B Datasheet (HTML) - Rectron Semiconductor




Similar Part No. - SC3S12020B

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SC3S12020A RECTRON-SC3S12020A Datasheet
224Kb / 5P
1200V/20A Silicon Carbide Power Schottky Barrier Diode
SC3S12020D RECTRON-SC3S12020D Datasheet
206Kb / 5P
Silicon Carbide Sc hottky Diode
More results


Similar Description - SC3S12020B

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SIDC19D60SIC3 INFINEON-SIDC19D60SIC3 Datasheet
54Kb / 4P
Silicon Carbide Schottky Diode
22.04.2004
SDD04S60 INFINEON-SDD04S60 Datasheet
280Kb / 9P
Silicon Carbide Schottky Diode
2004-02-11
SDT05S60 INFINEON-SDT05S60 Datasheet
353Kb / 8P
Silicon Carbide Schottky Diode
Rev. 2.1 2005-02-17
logo
Cree, Inc
C4D08120E CREE-C4D08120E Datasheet
643Kb / 6P
Silicon Carbide Schottky Diode
C3D08065I CREE-C3D08065I Datasheet
509Kb / 6P
Silicon Carbide Schottky Diode
C3D03065E CREE-C3D03065E Datasheet
941Kb / 6P
Silicon Carbide Schottky Diode
E4D20120G CREE-E4D20120G Datasheet
2Mb / 6P
Silicon Carbide Schottky Diode Silicon Carbide Schottky Diode
logo
Rectron Semiconductor
SC3S06520A RECTRON-SC3S06520A Datasheet
367Kb / 5P
650V/20A Silicon Carbide Power Schottky Barrier Diode
SC3S06520B RECTRON-SC3S06520B Datasheet
636Kb / 5P
650V/20A Silicon Carbide Power Schottky Barrier Diode
SC3S12020A RECTRON-SC3S12020A Datasheet
224Kb / 5P
1200V/20A Silicon Carbide Power Schottky Barrier Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com