Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

220EDLC Datasheet (PDF) - Vishay Siliconix

220EDLC Datasheet PDF - Vishay Siliconix
Part # 220EDLC
Download  220EDLC Download
File Size   122.49 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Electrical Double Layer Energy Storage Capacitors

220EDLC Datasheet (PDF)

Go To PDF Page Download Datasheet
220EDLC Datasheet PDF - Vishay Siliconix

Part # 220EDLC
Download  220EDLC Click to download

File Size   122.49 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Electrical Double Layer Energy Storage Capacitors

220EDLC Datasheet (HTML) - Vishay Siliconix


220EDLC Product details

• Polarized energy storage capacitor with high
capacity and energy density
• Energy version with high stability available
• Rated voltage: 2.7 V
• Available in through-hole (radial) version
• Useful life: 1000 h at 85 °C
• Rapid charge and discharge
• Maintenance-free, no service necessary
• AEC-Q200 qualified
• UL 810A recognized




Similar Part No. - 220EDLC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
220EDLC VISHAY-220EDLC Datasheet
105Kb / 6P
Electrical Double Layer Energy Storage Capacitors Power and Energy Versions
06-Apr-2022
220EDLCENYCAP VISHAY-220EDLCENYCAP Datasheet
118Kb / 5P
Electrical Double Layer Energy Storage Capacitors Power and Energy Versions
20-Oct-16
220EDLC VISHAY-220EDLC_V01 Datasheet
105Kb / 6P
Electrical Double Layer Energy Storage Capacitors Power and Energy Versions
06-Apr-2022
More results


Similar Description - 220EDLC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL222090003E3 VISHAY-MAL222090003E3 Datasheet
108Kb / 5P
Electrical Double Layer Energy Storage Capacitors Power and Energy Versions
18-Jan-16
220EDLCENYCAP VISHAY-220EDLCENYCAP Datasheet
118Kb / 5P
Electrical Double Layer Energy Storage Capacitors Power and Energy Versions
20-Oct-16
196DLC VISHAY-196DLC_16 Datasheet
137Kb / 7P
Energy Storage Double Layer Capacitors
18-Jul-16
235EDLC-HVR VISHAY-235EDLC-HVR Datasheet
119Kb / 6P
Ruggedized Electrical Double Layer Energy Storage Capacitors
02-Jul-2021
230EDLC-HV VISHAY-230EDLC-HV Datasheet
121Kb / 6P
Electrical Double Layer Energy Storage Capacitors
02-Jul-2021
225EDLC-R VISHAY-225EDLC-R Datasheet
119Kb / 6P
Ruggedized Electrical Double Layer Energy Storage Capacitors
02-Jul-2021
196DLC VISHAY-196DLC_V01 Datasheet
112Kb / 7P
Energy Storage Double Layer Capacitors
04-Oct-2021
220EDLC VISHAY-220EDLC_V01 Datasheet
105Kb / 6P
Electrical Double Layer Energy Storage Capacitors Power and Energy Versions
06-Apr-2022
225EDLC-R VISHAY-225EDLC-R_V01 Datasheet
109Kb / 6P
Ruggedized Electrical Double Layer Energy Storage Capacitors
06-Apr-2022
230EDLC VISHAY-230EDLC Datasheet
104Kb / 6P
Electrical Double Layer Energy Storage Capacitors Up to 3 V Operating Voltage
10-Aug-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com