Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY88903V Datasheet (PDF) - Micrel Semiconductor

SY88903V Datasheet PDF - Micrel Semiconductor
Part # SY88903V
Download  SY88903V Download
File Size   54.12 Kbytes
Page   6 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 5V/3.3V 1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER

SY88903V Datasheet (PDF)

Go To PDF Page Download Datasheet
SY88903V Datasheet PDF - Micrel Semiconductor

Part # SY88903V
Download  SY88903V Click to download

File Size   54.12 Kbytes
Page   6 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 5V/3.3V 1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER

SY88903V Datasheet (HTML) - Micrel Semiconductor


SY88903V Product details

DESCRIPTION
The SY88903V limiting post amplifier with its high gain and wide bandwidth is ideal for use as a post amplifier in fiber optic receivers with data rates up to 1.25Gbps. Signals as small as 5mVpp can be amplified to drive devices with PECL inputs. The SY88903V generates a chatter-free, Loss-of-Signal (LOS), open-collector TTL output.

FEATURES
■ 3.3V and 5V power supply option
■ Up to 1.25Gbps operation
■ Low noise
■ Chatter-free LOS generation
■ Open collector TTL LOS output
■ TTL /EN Input
■ Differential PECL inputs for data
■ Single power supply
■ Designed for use with laser diode driver and controller
■ Available in a tiny 10-pin (3mm × 3mm) MSOP

APPLICATIONS
■ 1.25Gbps Gigabit Ethernet
■ 531Mbps and 1062Mbps Fibre Channel
■ 622Mbps SONET
■ Gigabit Interface Converter




Similar Part No. - SY88903V

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88903V MICREL-SY88903V Datasheet
465Kb / 6P
5V/3.3V 1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88903V MICREL-SY88903V Datasheet
479Kb / 6P
5V/3.3V 1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88903VKC MICREL-SY88903VKC Datasheet
465Kb / 6P
5V/3.3V 1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88903VKC MICREL-SY88903VKC Datasheet
479Kb / 6P
5V/3.3V 1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88903VKCTR MICREL-SY88903VKCTR Datasheet
465Kb / 6P
5V/3.3V 1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
More results


Similar Description - SY88903V

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88903 MICREL-SY88903 Datasheet
102Kb / 8P
1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88913 MICREL-SY88913 Datasheet
101Kb / 8P
1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88933V MICREL-SY88933V Datasheet
63Kb / 8P
3.3V/5V 1.25Gbps PECL LOW-POWER LIMITING POST AMPLIFIER
SY88903V MICREL-SY88903V_06 Datasheet
465Kb / 6P
5V/3.3V 1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88913 MICREL-SY88913_05 Datasheet
81Kb / 8P
1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88913V MICREL-SY88913V Datasheet
50Kb / 7P
5V/3.3V 1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88903V MICREL-SY88903V_07 Datasheet
479Kb / 6P
5V/3.3V 1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88913V MICREL-SY88913V_10 Datasheet
419Kb / 7P
5V/3.3V 1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88913 MICREL-SY88913_07 Datasheet
91Kb / 8P
1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88903 MICREL-SY88903_07 Datasheet
91Kb / 7P
1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com