Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3C16211A Datasheet (PDF) - Pericom Semiconductor Corporation

PI3C16211A Datasheet PDF - Pericom Semiconductor Corporation
Part # PI3C16211A
Download  PI3C16211A Download
File Size   398.83 Kbytes
Page   4 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 3.3V HIGH BANDWIDTH 24-BIT BUS SWITCH

PI3C16211A Datasheet (PDF)

Go To PDF Page Download Datasheet
PI3C16211A Datasheet PDF - Pericom Semiconductor Corporation

Part # PI3C16211A
Download  PI3C16211A Click to download

File Size   398.83 Kbytes
Page   4 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 3.3V HIGH BANDWIDTH 24-BIT BUS SWITCH

PI3C16211A Datasheet (HTML) - Pericom Semiconductor Corporation


PI3C16211A Product details

Product Description
Pericom Semiconductor’s PI3C series of bus switch circuits are produced using the Company’s advanced submicron CMOS technology.

Product Features
• Near-zero propagation delay
• 5 Ohm switches connect inputs to outputs
• Direct bus connection when switches are ON
• Ultra-low quiescent power (0.2mA typical)
    – Ideally suited for notebook applications
• Industrial operating temperature: –40°C to +85°C
• Packages available:
    – 56-pin 240-mil wide thin plastic TSSOP (A)
    – 56-pin 300-mil wide plastic SSOP (V)




Similar Part No. - PI3C16211A

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3C16210 PERICOM-PI3C16210 Datasheet
304Kb / 4P
3.3V, High Bandwidths 20-Bit, 2-Port Bus Switch
PI3C16210A PERICOM-PI3C16210A Datasheet
304Kb / 4P
3.3V, High Bandwidths 20-Bit, 2-Port Bus Switch
PI3C16210K PERICOM-PI3C16210K Datasheet
304Kb / 4P
3.3V, High Bandwidths 20-Bit, 2-Port Bus Switch
PI3C16212 PERICOM-PI3C16212 Datasheet
118Kb / 4P
3.3V, High Bandwidth, 24-Bit Bus Exchange Switch
PI3C16212A PERICOM-PI3C16212A Datasheet
118Kb / 4P
3.3V, High Bandwidth, 24-Bit Bus Exchange Switch
More results


Similar Description - PI3C16211A

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQS3VH16212 IDT-IDTQS3VH16212 Datasheet
95Kb / 8P
QUICKSWITCH PRODUCTS 2.5V / 3.3V 24-BIT BUS EXCHANGE HIGH BANDWIDTH BUS SWITCH
logo
Pericom Semiconductor C...
PI3C16226 PERICOM-PI3C16226 Datasheet
359Kb / 4P
3.3V, High-Bandwidth, 12-Bit to 24-Bit Mux/Demux Bus Switch
logo
Integrated Device Techn...
IDTQS3VH16211 IDT-IDTQS3VH16211 Datasheet
63Kb / 8P
QUICKSWITCH PRODUCTS 2.5V / 3.3V 24-BIT HIGH BANDWIDTH BUS SWITCH
logo
Pericom Semiconductor C...
PI3C16212 PERICOM-PI3C16212 Datasheet
118Kb / 4P
3.3V, High Bandwidth, 24-Bit Bus Exchange Switch
logo
Integrated Device Techn...
IDTQS32XVH384 IDT-IDTQS32XVH384_11 Datasheet
270Kb / 8P
2.5V/3.3V 20-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS34XVH2245 IDT-IDTQS34XVH2245_13 Datasheet
270Kb / 8P
2.5V / 3.3V 32-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS3VH16211 IDT-IDTQS3VH16211_13 Datasheet
244Kb / 8P
2.5V / 3.3V 24-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS3VH16212 IDT-IDTQS3VH16212_13 Datasheet
262Kb / 8P
2.5V / 3.3V 24-BIT BUS EXCHANGE HIGH BANDWIDTH BUS SWITCH
logo
Renesas Technology Corp
IDTQS3VH16211 RENESAS-IDTQS3VH16211 Datasheet
401Kb / 9P
QUICKSWITCH® PRODUCTS 2.5V / 3.3V 24-BIT HIGH BANDWIDTH BUS SWITCH
JANUARY 2013
IDTQS3VH16212 RENESAS-IDTQS3VH16212 Datasheet
420Kb / 9P
QUICKSWITCH® PRODUCTS 2.5V / 3.3V 24-BIT BUS EXCHANGE HIGH BANDWIDTH BUS SWITCH
JANUARY 2013
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com