Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBC Datasheet (PDF) - Vishay Siliconix

CBC Datasheet PDF - Vishay Siliconix
Part # CBC
Download  CBC Download
File Size   80.17 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Thin Film Binary MOS Capacitors

CBC Datasheet (PDF)

Go To PDF Page Download Datasheet
CBC Datasheet PDF - Vishay Siliconix

Part # CBC
Download  CBC Click to download

File Size   80.17 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Thin Film Binary MOS Capacitors

CBC Datasheet (HTML) - Vishay Siliconix


CBC Product details

• Wire bondable
• User value selection
• Five capacitors on a 0.019" x 0.048" (CBB)
or 0.044" x 0.044" (CBC) chip
• Case size: 0402, 0404
• Capacitance range: Up to 93 pF in binary
increments
• Dielectric: Silicon dioxide
• Low dielectric loss
• Substrate: Silicon with gold backing




Similar Part No. - CBC

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
CBC MSYSTEM-CBC Datasheet
80Kb / 3P
Thin Film Binary MOS Capacitors
logo
Vishay Siliconix
CBC VISHAY-CBC Datasheet
63Kb / 3P
Thin Film Binary MOS Capacitors
08-Mar-2022
logo
Cooper Bussmann, Inc.
CBC-10 COOPER-CBC-10 Datasheet
269Kb / 5P
Automotive Circuit Breakers
CBC-10B COOPER-CBC-10B Datasheet
269Kb / 5P
Automotive Circuit Breakers
CBC-10HB COOPER-CBC-10HB Datasheet
269Kb / 5P
Automotive Circuit Breakers
More results


Similar Description - CBC

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
02013J0R1ABSTR AVX-02013J0R1ABSTR Datasheet
217Kb / 19P
Thin-Film Chip Capacitors
logo
Vishay Siliconix
CBA VISHAY-CBA_15 Datasheet
76Kb / 3P
Thin Film Binary MOS Capacitors
02-May-13
CBB VISHAY-CBB_15 Datasheet
73Kb / 3P
Thin Film Binary MOS Capacitors
24-Sep-13
BRCP VISHAY-BRCP Datasheet
240Kb / 6P
Thin Film Bar MOS Capacitors
22-Jan-15
logo
M-System Co.,Ltd.
CBB MSYSTEM-CBB Datasheet
80Kb / 3P
Thin Film Binary MOS Capacitors
CBA MSYSTEM-CBA Datasheet
83Kb / 3P
Thin Film Binary MOS Capacitors
logo
Vishay Siliconix
CBA VISHAY-CBA Datasheet
83Kb / 3P
Thin Film Binary MOS Capacitors
02-May-13
BRCP VISHAY-BRCP_V01 Datasheet
222Kb / 6P
Thin Film Bar MOS Capacitors
22-Jan-15
CBA VISHAY-CBA_V01 Datasheet
68Kb / 3P
Thin Film Binary MOS Capacitors
02-May-13
CBB VISHAY-CBB_V01 Datasheet
63Kb / 3P
Thin Film Binary MOS Capacitors
08-Mar-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com