Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBA3750CKGHS Datasheet (PDF) - Vishay Siliconix

CBA3750CKGHS Datasheet PDF - Vishay Siliconix
Part # CBA3750CKGHS
Download  CBA3750CKGHS Download
File Size   83.39 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Thin Film Binary MOS Capacitors

CBA3750CKGHS Datasheet (PDF)

Go To PDF Page Download Datasheet
CBA3750CKGHS Datasheet PDF - Vishay Siliconix

Part # CBA3750CKGHS
Download  CBA3750CKGHS Click to download

File Size   83.39 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Thin Film Binary MOS Capacitors

CBA3750CKGHS Datasheet (HTML) - Vishay Siliconix


CBA3750CKGHS Product details

• Wire bondable
• User value selection
• Four capacitors with common connection
• Capacitance range: 0.25 pF to 15 pF in binary
increments
• Dielectric: Silicon dioxide
• Chip size: 0.019" x 0.030"
• Substrate: Silicon with gold backing




Similar Part No. - CBA3750CKGHS

ManufacturerPart #DatasheetDescription
logo
SAMWHA ELECTRIC
CBA3216GA102N4 SAMWHA-CBA3216GA102N4 Datasheet
382Kb / 8P
BEADS ARRAY
CBA3216GA121N4 SAMWHA-CBA3216GA121N4 Datasheet
382Kb / 8P
BEADS ARRAY
CBA3216GA221N4 SAMWHA-CBA3216GA221N4 Datasheet
382Kb / 8P
BEADS ARRAY
CBA3216GA300N4 SAMWHA-CBA3216GA300N4 Datasheet
382Kb / 8P
BEADS ARRAY
CBA3216GA301N4 SAMWHA-CBA3216GA301N4 Datasheet
382Kb / 8P
BEADS ARRAY
More results


Similar Description - CBA3750CKGHS

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
02013J0R1ABSTR AVX-02013J0R1ABSTR Datasheet
217Kb / 19P
Thin-Film Chip Capacitors
logo
Vishay Siliconix
CBA VISHAY-CBA_15 Datasheet
76Kb / 3P
Thin Film Binary MOS Capacitors
02-May-13
CBB VISHAY-CBB_15 Datasheet
73Kb / 3P
Thin Film Binary MOS Capacitors
24-Sep-13
BRCP VISHAY-BRCP Datasheet
240Kb / 6P
Thin Film Bar MOS Capacitors
22-Jan-15
logo
M-System Co.,Ltd.
CBB MSYSTEM-CBB Datasheet
80Kb / 3P
Thin Film Binary MOS Capacitors
CBA MSYSTEM-CBA Datasheet
83Kb / 3P
Thin Film Binary MOS Capacitors
logo
Vishay Siliconix
CBB VISHAY-CBB Datasheet
80Kb / 3P
Thin Film Binary MOS Capacitors
24-Sep-13
BRCP VISHAY-BRCP_V01 Datasheet
222Kb / 6P
Thin Film Bar MOS Capacitors
22-Jan-15
CBA VISHAY-CBA_V01 Datasheet
68Kb / 3P
Thin Film Binary MOS Capacitors
02-May-13
CBB VISHAY-CBB_V01 Datasheet
63Kb / 3P
Thin Film Binary MOS Capacitors
08-Mar-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com