Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC524ALC3B Datasheet (PDF) - Analog Devices

HMC524ALC3B Datasheet PDF - Analog Devices
Part # HMC524ALC3B
Download  HMC524ALC3B Download
File Size   507.4 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 22 GHz to 32 GHz, GaAs, MMIC, I/Q Mixer

HMC524ALC3B Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC524ALC3B Datasheet PDF - Analog Devices

Part # HMC524ALC3B
Download  HMC524ALC3B Click to download

File Size   507.4 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 22 GHz to 32 GHz, GaAs, MMIC, I/Q Mixer

HMC524ALC3B Datasheet (HTML) - Analog Devices




Similar Part No. - HMC524ALC3B

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC524 HITTITE-HMC524 Datasheet
305Kb / 6P
GaAs MMIC I/Q MIXER 22 - 32 GHz
HMC524 HITTITE-HMC524 Datasheet
233Kb / 6P
GaAs MMIC I/Q MIXER 22 - 32 GHz
HMC524LC3B HITTITE-HMC524LC3B Datasheet
215Kb / 6P
GaAs MMIC I/Q MIXER 22 - 32 GHz
HMC524LC3B HITTITE-HMC524LC3B Datasheet
197Kb / 6P
GaAs MMIC I/Q MIXER 22 - 32 GHz
HMC524LC3B HITTITE-HMC524LC3B_09 Datasheet
215Kb / 6P
GaAs MMIC I/Q MIXER 22 - 32 GHz
More results


Similar Description - HMC524ALC3B

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC520LC4 HITTITE-HMC520LC4 Datasheet
288Kb / 6P
GaAs MMIC I/Q MIXER 6 - 10 GHz
HMC521 HITTITE-HMC521 Datasheet
310Kb / 6P
GaAs MMIC I/Q MIXER 8.5 - 13.5 GHz
HMC521LC4 HITTITE-HMC521LC4 Datasheet
289Kb / 6P
GaAs MMIC I/Q MIXER 8.5 - 13.5 GHz
HMC522 HITTITE-HMC522 Datasheet
307Kb / 6P
GaAs MMIC I/Q MIXER 11 - 16 GHz
HMC524 HITTITE-HMC524 Datasheet
305Kb / 6P
GaAs MMIC I/Q MIXER 22 - 32 GHz
HMC524LC3B HITTITE-HMC524LC3B Datasheet
197Kb / 6P
GaAs MMIC I/Q MIXER 22 - 32 GHz
HMC524 HITTITE-HMC524_09 Datasheet
233Kb / 6P
GaAs MMIC I/Q MIXER 22 - 32 GHz
HMC524LC3B HITTITE-HMC524LC3B_09 Datasheet
215Kb / 6P
GaAs MMIC I/Q MIXER 22 - 32 GHz
logo
Analog Devices
HMC521ACHIPS AD-HMC521ACHIPS Datasheet
660Kb / 25P
8.5 GHz to 13.5 GHz, GaAs, MMIC, I/Q Mixer
10/2019-Revision 0
HMC525ALC4 AD-HMC525ALC4 Datasheet
498Kb / 28P
4 GHz to 8.5 GHz, GaAs, MMIC, I/Q Mixer
5/2018-Rev. 0 to Rev. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com