Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPDL Datasheet (PDF) - Bel Fuse Inc.

SPDL Datasheet PDF - Bel Fuse Inc.
Part # SPDL
Download  SPDL Download
File Size   2290.66 Kbytes
Page   13 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description Ultra Compact SMD Common Mode Chokes

SPDL Datasheet (PDF)

Go To PDF Page Download Datasheet
SPDL Datasheet PDF - Bel Fuse Inc.

Part # SPDL
Download  SPDL Click to download

File Size   2290.66 Kbytes
Page   13 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description Ultra Compact SMD Common Mode Chokes

SPDL Datasheet (HTML) - Bel Fuse Inc.


SPDL Product details

The SPDL product Series is a new family of ultra-compact SMD common
mode chokes for EMI suppression of differential mode noise as required in
electronic devices filtering signals over network interfaces. It is applicable
in the consumer, industrial and automotive interface market.
In automotive, electronic design applications involve applying power over
high speed data lines, catering to protocols/communication interfaces
present in the cabin of an automobile, such as CAN bus, Ethernet, USB
or FlexRay. Conversely, for consumer and industrial applications such as
computers, peripherals and personal charging devices, more proprietary
protocols may even be utilized, furthering the need for differential noise
suppression. Signal provides solutions for both market segments.
In conjunction with the latest winding technology and ferrite cores, Signal’s
designs achieve excellent noise suppression, offering high common mode
impedance in the noise band and low differential mode impedance in
the signal band. A low differential mode impedance with a high coupling
coefficient assures virtually no distortion of high-speed signals.

General Features
• Ultra thin and compact SMD packages
• Excellent Differential Mode EMC noise suppression
• Automotive grade with AECQ-200 compliance
• Virtually no distortion of high-speed signals
• Excellent thermal characteristics

Specifications
• Number of Lines: Two
• Impedance range: 90 to 2200 ohms at 100 MHz
• Current capacity: 150 mA to 400 mA
• Metric size codes: 2012, 3216, 3225 or 4532
• Operating Range: -40 °C to +125 °C (Incl. self-temperature rise)
• Storage Temperature Component: -25°C to 85°C

Applications
• Automotive Infotainment and Multimedia
• Personal Computers and Peripherals
• High speed signal transmission lines




Similar Part No. - SPDL

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SPDL BEL-SPDL Datasheet
7Mb / 13P
Ultra Compact SMD Common Mode Chokes
Aug-17-2022
SPDL121006 BEL-SPDL121006 Datasheet
7Mb / 13P
Ultra Compact SMD Common Mode Chokes
Aug-17-2022
SPDL121006-2000-2P-T BEL-SPDL121006-2000-2P-T Datasheet
7Mb / 13P
Ultra Compact SMD Common Mode Chokes
Aug-17-2022
SPDL121006-2300-2P-T BEL-SPDL121006-2300-2P-T Datasheet
7Mb / 13P
Ultra Compact SMD Common Mode Chokes
Aug-17-2022
SPDL121006-500-2P-T BEL-SPDL121006-500-2P-T Datasheet
7Mb / 13P
Ultra Compact SMD Common Mode Chokes
Aug-17-2022
More results


Similar Description - SPDL

ManufacturerPart #DatasheetDescription
logo
TALEMA Group. LLC
CCJ-2-260 TALEMA-CCJ-2-260 Datasheet
28Kb / 1P
Compact SMD Common Mode Chokes
CFJ-3-470B TALEMA-CFJ-3-470B Datasheet
25Kb / 1P
Compact SMD Common Mode Chokes
CLJ-2-060S TALEMA-CLJ-2-060S Datasheet
136Kb / 2P
Miniature SMD Common Mode Double Chokes
CMJ-2-060S TALEMA-CMJ-2-060S Datasheet
138Kb / 2P
Miniature SMD Common Mode Double Chokes
CMJ-2-110 TALEMA-CMJ-2-110 Datasheet
29Kb / 1P
SMD Miniature Common Mode Chokes
CTJ-2-110SE TALEMA-CTJ-2-110SE Datasheet
134Kb / 2P
Miniature SMD Common Mode Double Chokes
logo
FERYSTER Inductive Comp...
CMS4-11-3-4.8-4S2 FERYSTER-CMS4-11-3-4.8-4S2 Datasheet
76Kb / 9P
SMD common mode chokes
logo
Central Technologies
CTACM CT-CTACM Datasheet
346Kb / 1P
SMD Common Mode Chokes
logo
Bel Fuse Inc.
SPDL BEL-SPDL_V01 Datasheet
7Mb / 13P
Ultra Compact SMD Common Mode Chokes
Aug-17-2022
SPDL485025 BEL-SPDL485025 Datasheet
1Mb / 6P
Ultra Compact SMD Common Mode Chokes
August 10 2022
More results




About Bel Fuse Inc.


Bel Fuse Inc is a multinational electronics company that specializes in the design and manufacture of a wide range of products, including circuit protection solutions, magnetic components, power solutions, and connectivity solutions.

The company was founded in 1949 and has its headquarters in Jersey City, New Jersey.

Bel Fuse operates globally, serving customers in industries such as telecommunications, data storage, aerospace, and industrial electronics, among others.

The company is known for its high-quality products and innovative technology, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com