Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FHV Datasheet (PDF) - Vishay Siliconix

FHV Datasheet PDF - Vishay Siliconix
Part # FHV
Download  FHV Download
File Size   89.42 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Thick Film Planar Resistors, Through-Hole, Axial Lead, High Voltage

FHV Datasheet (PDF)

Go To PDF Page Download Datasheet
FHV Datasheet PDF - Vishay Siliconix

Part # FHV
Download  FHV Click to download

File Size   89.42 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Thick Film Planar Resistors, Through-Hole, Axial Lead, High Voltage

FHV Datasheet (HTML) - Vishay Siliconix


FHV Product details

• Non-inductive design
• Matched sets available
• Special testing available
• Low TCR: ± 200 ppm/°C standard,
± 100 ppm/°C available
• Tolerance: ± 10 %, ± 5 %, ± 2 %, ± 1 %
standard
• Tolerance and/or TCR matching available upon request




Similar Part No. - FHV

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
FHV-10AN TDK-FHV-10AN Datasheet
49Kb / 3P
Ultra-high Voltage Ceramic Capacitors Molded Type with Metal Terminals
FHV-10AN TDK-FHV-10AN Datasheet
81Kb / 6P
Ultra High Voltage Ceramic Capacitors
FHV-10AN TDK-FHV-10AN_14 Datasheet
81Kb / 6P
Ultra High Voltage Ceramic Capacitors
FHV-11AN TDK-FHV-11AN Datasheet
49Kb / 3P
Ultra-high Voltage Ceramic Capacitors Molded Type with Metal Terminals
FHV-11AN TDK-FHV-11AN Datasheet
81Kb / 6P
Ultra High Voltage Ceramic Capacitors
More results


Similar Description - FHV

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
F43D WELWYN-F43D Datasheet
96Kb / 2P
High Voltage Thick Film Resistors
HV31 WELWYN-HV31 Datasheet
114Kb / 2P
High Voltage Thick film Resistors
VRW25 WELWYN-VRW25 Datasheet
79Kb / 3P
High Voltage Thick Film Resistors
logo
Riedon Powertron
HTE15 RIEDON-HTE15 Datasheet
259Kb / 2P
High Voltage / Thick Film Resistors
HTE15 RIEDON-HTE15_13 Datasheet
224Kb / 2P
High Voltage / Thick Film Resistors
logo
List of Unclassifed Man...
RH12FTN4993 ETC-RH12FTN4993 Datasheet
764Kb / 10P
Thick Film High Voltage Lead-Free Chip Resistors
HVP03 ETC-HVP03 Datasheet
428Kb / 1P
HIGH VOLTAGE THICK FILM PLANAR RESISTORS
logo
Vishay Siliconix
ERC VISHAY-ERC_15 Datasheet
83Kb / 4P
Thick Film Planar Resistors, Through-Hole, Radial Lead, High Voltage
03-May-13
logo
Riedon Powertron
HTE39-100MJ RIEDON-HTE39-100MJ Datasheet
141Kb / 2P
High Voltage / Thick Film Resistors
logo
Token Electronics Indus...
HI83 TOKEN-HI83 Datasheet
658Kb / 7P
Thick Film Planar Dividers, High Voltage Resistors
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com