Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASE Datasheet (PDF) - Vishay Siliconix

ASE Datasheet PDF - Vishay Siliconix
Part # ASE
Download  ASE Download
File Size   178.88 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Wirewound Resistors, Industrial Power, Silicone Coated, Adjustable Edgewound Tubular

ASE Datasheet (PDF)

Go To PDF Page Download Datasheet
ASE Datasheet PDF - Vishay Siliconix

Part # ASE
Download  ASE Click to download

File Size   178.88 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Wirewound Resistors, Industrial Power, Silicone Coated, Adjustable Edgewound Tubular

ASE Datasheet (HTML) - Vishay Siliconix


ASE Product details

• High temperature silicone coating
• Complete welded construction
• Tight tolerance of 5 % for values above 1 Ω
• Excellent stability in operation (< 3 % change in
resistance)




Similar Part No. - ASE

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASE ABRACON-ASE Datasheet
1Mb / 2P
3.3Vdc CMOS COMPATIBLE SMD CRYSTAL CLOCK OSCILLATOR
03.20.07
ASE ABRACON-ASE Datasheet
792Kb / 2P
3.3Vdc CMOS COMPATIBLE SMD CRYSTAL CLOCK OSCILLATOR
12.28.07
logo
Copal Electronics
ASE COPAL-ASE Datasheet
949Kb / 4P
Hyper-miniature Slide Switches
logo
Abracon Corporation
ASE ABRACON-ASE Datasheet
488Kb / 6P
3.3V CMOS Compatible 3.2 x 2.5mm SMD Crystal Oscillator
02-18-22
ASE-1.8432MHZ-L-C-T ABRACON-ASE-1.8432MHZ-L-C-T Datasheet
488Kb / 6P
3.3V CMOS Compatible 3.2 x 2.5mm SMD Crystal Oscillator
02-18-22
More results


Similar Description - ASE

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
CW10 WELWYN-CW10 Datasheet
71Kb / 2P
Tubular Cement Coated Wirewound Resistors
logo
Vishay Siliconix
AVE VISHAY-AVE Datasheet
176Kb / 5P
Wirewound Resistors, Industrial Power, Vitreous Coated, Adjustable Edgewound Tubular
03-Jun-16
FSE VISHAY-FSE Datasheet
168Kb / 5P
Wirewound Resistors, Industrial Power, Silicone Coated, Fixed Edgewound Tubular
06-Dec-16
FVE VISHAY-FVE Datasheet
195Kb / 5P
Wirewound Resistors, Industrial Power, Vitreous Coated, Fixed Edgewound Tubular
03-Jun-16
FST VISHAY-FST Datasheet
154Kb / 6P
Wirewound Resistor, Industrial Power, Silicone Coated, Fixed Tubular
25-Sep-2020
AST VISHAY-AST Datasheet
118Kb / 6P
Wirewound Resistors, Industrial Power, Silicone Coated, Adjustable Tubular
23-Sep-2020
FSTL VISHAY-FSTL Datasheet
188Kb / 4P
Wirewound Resistor, Industrial Power, Silicone Coated, Tubular
02-Sep-16
RBEA VISHAY-RBEA Datasheet
105Kb / 5P
Wirewound Resistors, Industrial Power, Tubular, Tubular,
04-Mar-16
OVSA VISHAY-OVSA Datasheet
112Kb / 3P
Wirewound Resistors, Industrial Power, Tubular, Flat, Oval, Adjustable, OVSA
08-Oct-13
CS63 VISHAY-CS63_V01 Datasheet
78Kb / 2P
Customer Special Edgewound Resistor (CS63), Wirewound Resistors, Industrial Power, Tubular, Fixed, Adjustable, EDG, EDGF, EDGU
07-Aug-14
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com