Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMPC-X-15 Datasheet (PDF) - Bel Fuse Inc.

DMPC-X-15 Datasheet PDF - Bel Fuse Inc.
Part # DMPC-X-15
Download  DMPC-X-15 Download
File Size   964.59 Kbytes
Page   3 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description For 5 VDC and 짹12 VDC or 짹15 VDC Regulated Power Supplies

DMPC-X-15 Datasheet (PDF)

Go To PDF Page Download Datasheet
DMPC-X-15 Datasheet PDF - Bel Fuse Inc.

Part # DMPC-X-15
Download  DMPC-X-15 Click to download

File Size   964.59 Kbytes
Page   3 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description For 5 VDC and 짹12 VDC or 짹15 VDC Regulated Power Supplies

DMPC-X-15 Datasheet (HTML) - Bel Fuse Inc.




Similar Part No. - DMPC-X-15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DMPC-X-15 ETC-DMPC-X-15 Datasheet
371Kb / 1P
5 VDC and 짹12 VDC or 짹15 VDC Regulated Power
More results


Similar Description - DMPC-X-15

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
LC010 MACOM-LC010 Datasheet
517Kb / 24P
Power Modules: 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
List of Unclassifed Man...
MPC-X-12 ETC-MPC-X-12 Datasheet
371Kb / 1P
5 VDC and 짹12 VDC or 짹15 VDC Regulated Power
MPL-6-12 ETC-MPL-6-12 Datasheet
305Kb / 1P
5 VDC and 짹12 VDC or 짹15 VDC Regulated Power
A41-25-512 ETC-A41-25-512 Datasheet
372Kb / 2P
For 5 VDC and 짹12 VDC or 짹15 VDC Regulated Power Supplies Requiring International Safety Certification
logo
Lineage Power Corporati...
JBW030F LINEAGEPOWER-JBW030F Datasheet
298Kb / 16P
36-75 Vdc Input; 3.3 Vdc and 5 Vdc Outputs; 30 W
LC015C91 LINEAGEPOWER-LC015C91 Datasheet
923Kb / 24P
18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
Bel Fuse Inc.
14A-20-512 BEL-14A-20-512 Datasheet
1Mb / 3P
For 5 VDC and 짹12 VDC or 짹15 VDC Regulated Power Supllies Requiring International Safety Certification
A41-25-512 BEL-A41-25-512 Datasheet
1Mb / 3P
For 5 VDC and 짹12 VDC or 짹15 VDC Regulated Power Supplies Requiring International Safety Certification
MPL-6-12 BEL-MPL-6-12 Datasheet
981Kb / 3P
For 5 VDC and 짹12 VDC or 짹15 VDC Regulated Power Supplies
MT-6-12 BEL-MT-6-12 Datasheet
925Kb / 3P
For 5 VDC and 짹12 VDC or 짹15 VDC Regulated Power Supplies
More results




About Bel Fuse Inc.


Bel Fuse Inc is a multinational electronics company that specializes in the design and manufacture of a wide range of products, including circuit protection solutions, magnetic components, power solutions, and connectivity solutions.

The company was founded in 1949 and has its headquarters in Jersey City, New Jersey.

Bel Fuse operates globally, serving customers in industries such as telecommunications, data storage, aerospace, and industrial electronics, among others.

The company is known for its high-quality products and innovative technology, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com