Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PER35 Datasheet (PDF) - Bourns Electronic Solutions

PER35 Datasheet PDF - Bourns Electronic Solutions
Part # PER35
Download  PER35 Download
File Size   560.87 Kbytes
Page   3 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description 35 mm Low Profile Incremental Ring Encoder

PER35 Datasheet (PDF)

Go To PDF Page Download Datasheet
PER35 Datasheet PDF - Bourns Electronic Solutions

Part # PER35
Download  PER35 Click to download

File Size   560.87 Kbytes
Page   3 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description 35 mm Low Profile Incremental Ring Encoder

PER35 Datasheet (HTML) - Bourns Electronic Solutions




Similar Part No. - PER35

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
PER EDI-PER Datasheet
56Kb / 2P
FAST RECOVERY SINGLE-PHASE FULL-WAVE BRIDGE 4.0 AMPERES FOR P.C. BOARD MOUNTING
logo
AAEON Technology
PER-1100 AAEON-PER-1100 Datasheet
263Kb / 1P
Riser card for EMB-830
PER-1110 AAEON-PER-1110 Datasheet
281Kb / 1P
Riser Card For Compact Board And Mini-ITX Series
PER-A123 AAEON-PER-A123 Datasheet
275Kb / 2P
gigabit ethernet
PER-A133 AAEON-PER-A133 Datasheet
275Kb / 2P
gigabit ethernet
More results


Similar Description - PER35

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PEC09-2020F-S0012 BOURNS-PEC09-2020F-S0012 Datasheet
331Kb / 3P
9 mm Incremental Encoder
PEC11R BOURNS-PEC11R Datasheet
311Kb / 3P
12 mm Incremental Encoder
PEC16-4020F-S0012 BOURNS-PEC16-4020F-S0012_15 Datasheet
368Kb / 3P
16 mm Incremental Encoder
PEC11R BOURNS-PEC11R_16 Datasheet
306Kb / 3P
12 mm Incremental Encoder
PEC12R BOURNS-PEC12R_16 Datasheet
352Kb / 4P
12 mm Incremental Encoder
PER28 BOURNS-PER28 Datasheet
405Kb / 2P
28 mm Low Profile Incremental Ring Encoder
PER56 BOURNS-PER56 Datasheet
458Kb / 3P
56 mm Low Profile Incremental Ring Encoder
PER21 BOURNS-PER21 Datasheet
382Kb / 3P
PER21 - 21 mm Low Profile Incremental Ring Encoder
REV. 07/21
PER23 BOURNS-PER23 Datasheet
384Kb / 3P
PER23 - 23 mm Low Profile Incremental Ring Encoder
REV. 07/21
PER60 BOURNS-PER60 Datasheet
494Kb / 3P
PER60 - 60 mm Low Profile Incremental Ring Encoder
12/21
More results




About Bourns Electronic Solutions


Bourns Electronic Solutions is a company that provides electronic components, modules, and solutions for a variety of industries, including automotive, telecommunications, industrial, medical, and consumer electronics.

The company offers a wide range of products such as resistors, potentiometers, sensors, circuit protection components, magnetic products, and more. Bourns' products are designed to help customers solve challenges related to power management, signal conditioning, and circuit protection.

Bourns was founded in 1947 and is headquartered in Riverside, California, USA. The company has manufacturing facilities, sales offices, and distribution centers located throughout the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com