Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI74ST1G125 Datasheet (PDF) - Pericom Semiconductor Corporation

PI74ST1G125 Datasheet PDF - Pericom Semiconductor Corporation
Part # PI74ST1G125
Download  PI74ST1G125 Download
File Size   556.9 Kbytes
Page   6 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description Buffer with 3-State Output

PI74ST1G125 Datasheet (PDF)

Go To PDF Page Download Datasheet
PI74ST1G125 Datasheet PDF - Pericom Semiconductor Corporation

Part # PI74ST1G125
Download  PI74ST1G125 Click to download

File Size   556.9 Kbytes
Page   6 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description Buffer with 3-State Output

PI74ST1G125 Datasheet (HTML) - Pericom Semiconductor Corporation


PI74ST1G125 Product details

Description

The PI74ST1G125 is a buffer with 3-state output that operates over the 1.8V to 3.6V VCC operating range. Pericom’s PI74ST series of products are produced using the Company’s advanced submicron technology.



Features

• High-speed: tPD = 1.8ns typical

• Broad operating range: VCC = 1.8V –3.6V

• Power down high-impedance inputs/outputs

• High output drive: ±24mA at 3V VCC

• Packaging:

   - 5-pin SOT23 (T)

• Pb-free & Green:

   - 5-pin SC70 (C)



 




Similar Part No. - PI74ST1G125

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74ST1G126 PERICOM-PI74ST1G126 Datasheet
336Kb / 5P
Logic Buffer with 3-State Output
PI74ST1G126CX PERICOM-PI74ST1G126CX Datasheet
336Kb / 5P
Logic Buffer with 3-State Output
PI74ST1G126TX PERICOM-PI74ST1G126TX Datasheet
336Kb / 5P
Logic Buffer with 3-State Output
More results


Similar Description - PI74ST1G125

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74ST1G126 PERICOM-PI74ST1G126 Datasheet
336Kb / 5P
Logic Buffer with 3-State Output
logo
Toshiba Semiconductor
TC7SG125FE TOSHIBA-TC7SG125FE Datasheet
166Kb / 8P
Bus Buffer with 3-STATE Output
TC7SG125FU TOSHIBA-TC7SG125FU Datasheet
169Kb / 8P
Bus Buffer with 3-STATE Output
TC7SZ125AFE TOSHIBA-TC7SZ125AFE_07 Datasheet
139Kb / 6P
Bus Buffer with 3-STATE Output
logo
Renesas Technology Corp
RD74LVC1G126 RENESAS-RD74LVC1G126 Datasheet
2Mb / 8P
Bus Buffer with 3-state Output
logo
Fairchild Semiconductor
NC7SZ126 FAIRCHILD-NC7SZ126_08 Datasheet
513Kb / 12P
TinyLogic짰UHS Buffer with 3-STATE Output
logo
Toshiba Semiconductor
TC7SG125FE TOSHIBA-TC7SG125FE_09 Datasheet
169Kb / 8P
Bus Buffer with 3-STATE Output
TC7SH126F TOSHIBA-TC7SH126F_09 Datasheet
174Kb / 6P
Bus Buffer with 3-STATE Output
logo
ON Semiconductor
NL17SG126 ONSEMI-NL17SG126 Datasheet
127Kb / 11P
Bus Buffer with 3-State Output
July, 2014 ??Rev. 5
logo
Toshiba Semiconductor
TC7SG126AFS TOSHIBA-TC7SG126AFS Datasheet
194Kb / 8P
Bus Buffer with 3-STATE Output
2009-09-18
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com