Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRP Datasheet (PDF) - Vishay Siliconix

MRP Datasheet PDF - Vishay Siliconix
Part # MRP
Download  MRP Download
File Size   87.29 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Wirewound Resistor, Commercial Power, Silicone Coated, Axial Lead

MRP Datasheet (PDF)

Go To PDF Page Download Datasheet
MRP Datasheet PDF - Vishay Siliconix

Part # MRP
Download  MRP Click to download

File Size   87.29 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Wirewound Resistor, Commercial Power, Silicone Coated, Axial Lead

MRP Datasheet (HTML) - Vishay Siliconix


MRP Product details

• High temperature coating (> 350 °C)
• Complete welded construction
• Available in non-inductive styles with
Ayrton-Perry winding for lowest reactive
components, special “NI”




Similar Part No. - MRP

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
MRP COPAL-MRP Datasheet
442Kb / 3P
Pulse Switches
MRP1-20--Z COPAL-MRP1-20--Z Datasheet
442Kb / 3P
Pulse Switches
MRP1-20-1-Z COPAL-MRP1-20-1-Z Datasheet
442Kb / 3P
Pulse Switches
MRP1-20-R-Z COPAL-MRP1-20-R-Z Datasheet
442Kb / 3P
Pulse Switches
logo
Eldeco Srl
MRP10-V ELDECO-MRP10-V Datasheet
309Kb / 1P
Standard : UL - IEC 300V - 750V 52A - 57A
More results


Similar Description - MRP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CW02C250R0JS70 VISHAY-CW02C250R0JS70 Datasheet
172Kb / 3P
Wirewound Resistors, Commercial Power, Silicone Coated, Axial Lead
01-Feb-12
CW02B10R00JE7013 VISHAY-CW02B10R00JE7013 Datasheet
172Kb / 3P
Wirewound Resistors, Commercial Power, Silicone Coated, Axial Lead
01-Feb-12
RS02C1R000BB12 VISHAY-RS02C1R000BB12 Datasheet
199Kb / 4P
Wirewound Resistors, Industrial, Precision Power, Silicone Coated, Axial Lead
09-Jan-12
RS121R000BB12 VISHAY-RS121R000BB12 Datasheet
179Kb / 3P
Wirewound Resistors, Industrial, Precision Power, Silicone Coated, Axial Lead
23-May-13
RSNS VISHAY-RSNS Datasheet
179Kb / 3P
Wirewound Resistors, Industrial, Precision Power, Silicone Coated, Axial Lead
23-May-13
RS010200R0FB12 VISHAY-RS010200R0FB12 Datasheet
179Kb / 3P
Wirewound Resistors, Industrial, Precision Power, Silicone Coated, Axial Lead
23-May-13
NS02BR5000FE12 VISHAY-NS02BR5000FE12 Datasheet
189Kb / 3P
Wirewound Resistors, Industrial, Precision Power, Silicone Coated, Axial Lead
23-May-13
ALSR0118R00FE12 VISHAY-ALSR0118R00FE12 Datasheet
79Kb / 3P
Wirewound Resistors, Commercial Power, Silicone Coated, Axial Lead
24-Feb-12
ALSR VISHAY-ALSR Datasheet
92Kb / 3P
Wirewound Resistors, Commercial Power, Silicone Coated, Axial Lead
18-Feb-16
MRB VISHAY-MRB Datasheet
86Kb / 3P
Wirewound Resistors, Commercial Power, Silicone Coated, Axial Lead
07-May-12
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com