Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WFP Datasheet (PDF) - Vishay Siliconix

WFP Datasheet PDF - Vishay Siliconix
Part # WFP
Download  WFP Download
File Size   106.65 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Power Metal Plate™ Current Sense Resistors, Low Value (2 mΩ to 8 mΩ), Hybrid Mount, High Power

WFP Datasheet (PDF)

Go To PDF Page Download Datasheet
WFP Datasheet PDF - Vishay Siliconix

Part # WFP
Download  WFP Click to download

File Size   106.65 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Power Metal Plate™ Current Sense Resistors, Low Value (2 mΩ to 8 mΩ), Hybrid Mount, High Power

WFP Datasheet (HTML) - Vishay Siliconix


WFP Product details

• 3939 size package with Kelvin terminals
• Ideal for all types of current sensing and pulse
applications including switching and linear
power supplies, instruments, power amplifiers,
shunts, and high power current sensing
modules
• Proprietary processing technique produces low
resistance values (2 mΩ to 8 mΩ)
• Solid metal manganese-copper and nickelchromium alloy resistive element with low TCR
(< 30 ppm/°C)
• Max. solder temperature up to 280 °C / 30 s or
250 °C / 5 min
• Very low inductance < 10 nH
• Finishes available for wire bonding, sintering, and
soldering (backside);
Electroless Nickel Immersion Gold (ENIG)
• Low thermal EMF (< 2 μV/°C)
• AEC-Q200 qualified




Similar Part No. - WFP

ManufacturerPart #DatasheetDescription
logo
Wisdom technologies Int...
WFP10N60 WISDOM-WFP10N60 Datasheet
1Mb / 6P
600V N-Channel MOSFET
logo
Shenzhen Winsemi Microe...
WFP10N60 WINSEMI-WFP10N60 Datasheet
623Kb / 7P
Silicon N-Channel MOSFET
logo
VBsemi Electronics Co.,...
WFP10N60 VBSEMI-WFP10N60 Datasheet
1Mb / 10P
N-Channel 650V (D-S) Power MOSFET
logo
Shenzhen Winsemi Microe...
WFP10N65 WINSEMI-WFP10N65 Datasheet
801Kb / 7P
Silicon N-Channel MOSFET
logo
VBsemi Electronics Co.,...
WFP10N65 VBSEMI-WFP10N65 Datasheet
1Mb / 10P
N-Channel 650V (D-S) Power MOSFET
More results


Similar Description - WFP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VCS101 VISHAY-VCS101 Datasheet
78Kb / 2P
Bulk Metal Technology Precision, Low Value, Current Sense/Current Shunt Resistors
25-Jun-07
WSL2726 VISHAY-WSL2726 Datasheet
130Kb / 3P
Power Metal Strip® Resistors, Low Value, High Power, Surface Mount
27-Aug-08
logo
KOA Speer Electronics, ...
LR72ADTE KOA-LR72ADTE Datasheet
93Kb / 2P
metal plate current sense resistors
logo
Ohmite Mfg. Co.
602SJR00300E-T OHMITE-602SJR00300E-T Datasheet
176Kb / 2P
Surface Mount Metal Plate Current Sense
logo
KOA Speer Electronics, ...
LR72ADTE2L0J KOA-LR72ADTE2L0J Datasheet
220Kb / 2P
metal plate current sense resistors
logo
Vishay Siliconix
WSL0805R0200FEA18 VISHAY-WSL0805R0200FEA18 Datasheet
95Kb / 3P
Power Metal Strip Resistors, High Power Low Value, Surface Mount
09-Sep-11
logo
KOA Speer Electronics, ...
LR72A KOA-LR72A Datasheet
222Kb / 2P
metal plate current sense resistors
logo
Ohmite Mfg. Co.
60S OHMITE-60S Datasheet
331Kb / 2P
Surface Mount Metal Plate Current Sense
logo
Vishay Siliconix
WFM VISHAY-WFM Datasheet
176Kb / 5P
Power Metal Plate™ Current Sense Resistors, Low Value (10 mΩ to 500 mΩ), Surface-Mount, High Power
13-May-2020
WFM VISHAY-WFM_V01 Datasheet
176Kb / 5P
Power Metal Plate™ Current Sense Resistors, Low Value (10 mΩ to 500 mΩ), Surface-Mount, High Power
04-Aug-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com