Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF-3GD Datasheet (PDF) - Kingbright Corporation

DF-3GD Datasheet PDF - Kingbright Corporation
Part # DF-3GD
Download  DF-3GD Download
File Size   168.63 Kbytes
Page   5 Pages
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation
Description 6.8mm x 19.9mm LIGHT BARS

DF-3GD Datasheet (PDF)

Go To PDF Page Download Datasheet
DF-3GD Datasheet PDF - Kingbright Corporation

Part # DF-3GD
Download  DF-3GD Click to download

File Size   168.63 Kbytes
Page   5 Pages
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation
Description 6.8mm x 19.9mm LIGHT BARS

DF-3GD Datasheet (HTML) - Kingbright Corporation




Similar Part No. - DF-3GD

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
DF-005 FRONTIER-DF-005 Datasheet
120Kb / 2P
1A BRIDGE RECTIFIERS
DF-005-LFR FRONTIER-DF-005-LFR Datasheet
120Kb / 2P
1A BRIDGE RECTIFIERS
DF-01 FRONTIER-DF-01 Datasheet
120Kb / 2P
1A BRIDGE RECTIFIERS
logo
Herga Technology
DF-01 HERGA-DF-01 Datasheet
543Kb / 2P
MICROSWITCH LINE CARD
05/25
logo
Frontier Electronics.
DF-01-LFR FRONTIER-DF-01-LFR Datasheet
120Kb / 2P
1A BRIDGE RECTIFIERS
More results


Similar Description - DF-3GD

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
OLB2600 SIEMENS-OLB2600 Datasheet
44Kb / 1P
LIGHT BARS
OLB2655 SIEMENS-OLB2655 Datasheet
37Kb / 1P
LIGHT BARS
OLB2685 SIEMENS-OLB2685 Datasheet
210Kb / 5P
LIGHT BARS
logo
Marktech Corporate
MTLB257-HR MARKTECH-MTLB257-HR Datasheet
44Kb / 1P
LIGHT BARS
logo
Kingbright Corporation
KB-2350EW KINGBRIGHT-KB-2350EW Datasheet
145Kb / 5P
19.05mm x 3.81mm LED LIGHT BARS
logo
P-tec Corporation
PB72-LBRG13 P-TEC-PB72-LBRG13 Datasheet
30Kb / 1P
19.9 x 6.8mm Light Bar
PB72-LBRR12 P-TEC-PB72-LBRR12 Datasheet
30Kb / 1P
19.9 x 6.8mm Light Bar
PB72-LBRR21 P-TEC-PB72-LBRR21 Datasheet
30Kb / 1P
19.9 x 6.8mm Light Bar
PB72-LBRY01 P-TEC-PB72-LBRY01 Datasheet
30Kb / 1P
19.9 x 6.8mm Light Bar
logo
BetLux Electronics
BL-AR10B2510 BETLUX-BL-AR10B2510 Datasheet
302Kb / 4P
10 bars, 25.4*10.1*6.8mm, LED light bar, BI-COLOR TYPE
REV NO: V.2
More results




About Kingbright Corporation


Kingbright Corporation is a technology company that specializes in the design, manufacture, and sale of LED components and LED-based lighting products. The company was founded in 1980 and is headquartered in Taipei, Taiwan. Kingbright has a global presence, with operations and customers in over 60 countries around the world.

Kingbright provides a wide range of LED components and lighting products, including surface-mount and through-hole LEDs, LED displays, LED lighting modules, and LED lighting fixtures. The company's products are used in a variety of applications, including automotive, consumer electronics, industrial, and lighting.

Kingbright is known for its expertise in LED technology and its ability to provide high-quality and cost-effective solutions to its customers. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the LED market. Kingbright is a recognized leader in the LED market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com