Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF1336B Datasheet (PDF) - RF Monolithics, Inc

RF1336B Datasheet PDF - RF Monolithics, Inc
Part # RF1336B
Download  RF1336B Download
File Size   81.25 Kbytes
Page   2 Pages
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc
Description 868.35 MHz SAW Filter

RF1336B Datasheet (PDF)

Go To PDF Page Download Datasheet
RF1336B Datasheet PDF - RF Monolithics, Inc

Part # RF1336B
Download  RF1336B Click to download

File Size   81.25 Kbytes
Page   2 Pages
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc
Description 868.35 MHz SAW Filter

RF1336B Datasheet (HTML) - RF Monolithics, Inc


RF1336B Product details

The RF1336B is a low-loss, compact, and economical surface-acoustic-wave (SAW) filter designed to provide front-end selectivity in 868.35 MHz receivers. Receiver designs using this filter include superhet with 10.7 MHz or 500 kHz IF, direct conversion and superregen. Typical applications of these receivers are wireless remote-control and security devices operating in Europe under ETSI I-ETS 300 220, in Germany under FTZ 17 TR 2100, in the United Kingdom under DTI MPT 1340 (for automotive only), in France under PTT Specifications ST/PAA/TPA/AGH/1542, and in Scandinavia.

• Ideal Front-End Filter for European Wireless Receivers
• Low-Loss, Coupled-Resonator Quartz Design
• Simple External Impedance Matching
• Surface-Mount Ceramic Case with 52 mm2 Footprint
• Complies with Directive 2002/95/EC (RoHS)




Similar Part No. - RF1336B

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RF1336C RFM-RF1336C Datasheet
100Kb / 2P
868.35 MHz SAW Filter
RF1336D RFM-RF1336D Datasheet
56Kb / 2P
868.35 MHz SAW Filter
More results


Similar Description - RF1336B

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RF1336C RFM-RF1336C Datasheet
100Kb / 2P
868.35 MHz SAW Filter
logo
Vanlong Technology Co.,...
SF868M35 VANLONG-SF868M35 Datasheet
110Kb / 2P
868.35 MHz SAW Filter
SF868M35C VANLONG-SF868M35C Datasheet
87Kb / 2P
868.35 MHz SAW Filter
logo
RF Monolithics, Inc
RF3336 RFM-RF3336 Datasheet
97Kb / 2P
868.35 MHz SAW Filter
RF3336C RFM-RF3336C Datasheet
106Kb / 4P
868.35 MHz SAW Filter
RF3336D RFM-RF3336D Datasheet
63Kb / 2P
868.35 MHz SAW Filter
RF3336E RFM-RF3336E Datasheet
92Kb / 3P
868.35 MHz SAW Filter
logo
Murata Manufacturing Co...
RF3336C MURATA-RF3336C Datasheet
106Kb / 4P
868.35 MHz SAW Filter
RF3336D MURATA-RF3336D Datasheet
63Kb / 2P
868.35 MHz SAW Filter
RF3336E MURATA-RF3336E Datasheet
92Kb / 3P
868.35 MHz SAW Filter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com