Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF1391C Datasheet (PDF) - RF Monolithics, Inc

RF1391C Datasheet PDF - RF Monolithics, Inc
Part # RF1391C
Download  RF1391C Download
File Size   71.22 Kbytes
Page   2 Pages
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc
Description 433.42 MHz SAW Filter

RF1391C Datasheet (PDF)

Go To PDF Page Download Datasheet
RF1391C Datasheet PDF - RF Monolithics, Inc

Part # RF1391C
Download  RF1391C Click to download

File Size   71.22 Kbytes
Page   2 Pages
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc
Description 433.42 MHz SAW Filter

RF1391C Datasheet (HTML) - RF Monolithics, Inc


RF1391C Product details

The RF1391C is a low-loss, compact, and economical surface-acoustic-wave (SAW) filter designed to provide front-end selectivity in 433.42 MHz receivers. Receiver designs using this filter include superhet with 10.7 MHz or 500 kHz IF, direct conversion and superregen. Typical applications of these receivers are wireless remote-control and security devices operating in Europe under ETSI I-ETS 300 220.

• Ideal Front-End Filter for Wireless Receivers
• Low-Loss, Coupled-Resonator Quartz Design
• Simple External Impedance Matching
• Complies with Directive 2002/95/EC (RoHS)




Similar Part No. - RF1391C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
RF1391C MURATA-RF1391C Datasheet
81Kb / 2P
433.42 MHz SAW Filter
More results


Similar Description - RF1391C

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RO2112A RFM-RO2112A Datasheet
100Kb / 2P
433.42 MHz SAW Resonator
logo
EPCOS
B3791 EPCOS-B3791 Datasheet
66Kb / 8P
SAW filter 433.42 MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA0723A TAI-SAW-TA0723A Datasheet
331Kb / 6P
SAW Filter 433.42 MHz SMD 3.8X3.8 mm
logo
RF Monolithics, Inc
RF3391D RFM-RF3391D Datasheet
160Kb / 2P
433.42 MHz SAW Filter
logo
Murata Manufacturing Co...
RO3112C MURATA-RO3112C Datasheet
98Kb / 2P
433.42 MHz SAW Resonator
RO3112D MURATA-RO3112D Datasheet
99Kb / 2P
433.42 MHz SAW Resonator
RO3112E MURATA-RO3112E Datasheet
99Kb / 2P
433.42 MHz SAW Resonator
RF1391C MURATA-RF1391C Datasheet
81Kb / 2P
433.42 MHz SAW Filter
RF3391D MURATA-RF3391D Datasheet
160Kb / 2P
433.42 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TB0128A TAI-SAW-TB0128A Datasheet
336Kb / 5P
SAW Filter 433.42 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com