Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF1396C Datasheet (PDF) - RF Monolithics, Inc

RF1396C Datasheet PDF - RF Monolithics, Inc
Part # RF1396C
Download  RF1396C Download
File Size   71.77 Kbytes
Page   2 Pages
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc
Description 434.42 MHz SAW Filter

RF1396C Datasheet (PDF)

Go To PDF Page Download Datasheet
RF1396C Datasheet PDF - RF Monolithics, Inc

Part # RF1396C
Download  RF1396C Click to download

File Size   71.77 Kbytes
Page   2 Pages
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc
Description 434.42 MHz SAW Filter

RF1396C Datasheet (HTML) - RF Monolithics, Inc


RF1396C Product details

The RF1396C is a low-loss, compact, and economical surface-acoustic-wave (SAW) filter designed to provide front-end selectivity in 434.420 MHz receivers. Receiver designs using this filter include superhet with 10.7 MHz or 500 kHz IF, direct conversion and superregen. Typical applications of these receivers are wireless remote-control and security devices operating in Europe under ETSI I-ETS 300 220.

• Ideal Front-End Filter for European Wireless Receivers
• Low-Loss, Coupled-Resonator Quartz Design
• Simple External Impedance Matching
• Complies with Directive 2002/95/EC (RoHS)




Similar Part No. - RF1396C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
RF1396C MURATA-RF1396C Datasheet
69Kb / 2P
434.42 MHz SAW Filter
More results


Similar Description - RF1396C

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
Rev X1
logo
EPCOS
B3733 EPCOS-B3733 Datasheet
84Kb / 9P
SAW filter 434.42 MHz
B3771 EPCOS-B3771 Datasheet
79Kb / 9P
SAW filter 434.42 MHz
logo
Vanlong Technology Co.,...
SF5509 VANLONG-SF5509 Datasheet
99Kb / 2P
434.42 MHz SAW Filter
SR434M42 VANLONG-SR434M42 Datasheet
90Kb / 2P
434.42 MHz One-Port SAW Resonator
SR5519 VANLONG-SR5519 Datasheet
88Kb / 2P
434.42 MHz One Port SAW Resonator
SR5520 VANLONG-SR5520 Datasheet
94Kb / 2P
434.42 MHz One Port SAW Resonator
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Murata Manufacturing Co...
RF1396C MURATA-RF1396C Datasheet
69Kb / 2P
434.42 MHz SAW Filter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com