Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WSL1020 Datasheet (PDF) - Vishay Siliconix

WSL1020 Datasheet PDF - Vishay Siliconix
Part # WSL1020
Download  WSL1020 Download
File Size   118.61 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Power Metal Strip® Resistors, Wide Terminal, Low Inductance (< 1 nH), Surface-Mount

WSL1020 Datasheet (PDF)

Go To PDF Page Download Datasheet
WSL1020 Datasheet PDF - Vishay Siliconix

Part # WSL1020
Download  WSL1020 Click to download

File Size   118.61 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Power Metal Strip® Resistors, Wide Terminal, Low Inductance (< 1 nH), Surface-Mount

WSL1020 Datasheet (HTML) - Vishay Siliconix


WSL1020 Product details

• Wide side terminal construction that yields high
power to foot print size ratio (2 W in 1020 and
1 W in 0612 package)
• All welded construction of the Power Metal
Strip® resistors are ideal for all types of current
sensing, voltage division and pulse applications
• Proprietary processing technique produces low
resistance values (down to 0.00075 Ω)
• Sulfur resistance by construction that is
unaffected by high sulfur environments
• Very low inductance < 1 nH
• Low thermal EMF (< 3 μV/°C)
• AEC-Q200 qualified (1)




Similar Part No. - WSL1020

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSL1020 VISHAY-WSL1020 Datasheet
102Kb / 3P
Power Metal Strip® Resistors, Wide Terminal, Low Value (0.003 ohm to 0.006 ohm), Surface Mount
01-Mar-13
More results


Similar Description - WSL1020

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSK0612 VISHAY-WSK0612 Datasheet
102Kb / 3P
Power Metal Strip® Resistors, High Power, Surface Mount, 4-Terminal
09-Nov-11
WSL2726 VISHAY-WSL2726_11 Datasheet
104Kb / 3P
Power Metal Strip® Resistors, Low Value, High Power, Surface Mount, 4-Terminal
07-Sep-11
WSL4026 VISHAY-WSL4026_11 Datasheet
107Kb / 3P
Power Metal Strip® Resistors, Low Value, High Power, Surface Mount, 4-Terminal
07-Sep-11
WSK0612 VISHAY-WSK0612_15 Datasheet
84Kb / 3P
Power Metal Strip® Resistors, High Power, Surface Mount, 4-Terminal
28-Oct-13
WSL2726 VISHAY-WSL2726_15 Datasheet
98Kb / 4P
Power Metal Strip® Resistors, Low Value, High Power, Surface Mount, 4-Terminal
11-May-15
WSL4026 VISHAY-WSL4026_15 Datasheet
100Kb / 4P
Power Metal Strip® Resistors, Low Value, High Power, Surface Mount, 4-Terminal
11-May-15
WSKW0612 VISHAY-WSKW0612_V01 Datasheet
144Kb / 5P
Power Metal Strip® Resistors, High Power, Surface-Mount, 4-Terminal
05-Apr-2022
WSL2726 VISHAY-WSL2726_V01 Datasheet
158Kb / 5P
Power Metal Strip® Resistors, Low Value, High Power, Surface-Mount, 4-Terminal
27-Jan-2022
WSL4026 VISHAY-WSL4026_V01 Datasheet
152Kb / 5P
Power Metal Strip® Resistors, Low Value, High Power, Surface Mount, 4-Terminal
12-Jan-2022
WSL VISHAY-WSL_V01 Datasheet
118Kb / 4P
Power Metal Strip® Resistors, Wide Terminal, Low Inductance (< 1 nH), Surface-Mount
04-Apr-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com