Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C1363C Datasheet (PDF) - Cypress Semiconductor

CY7C1363C Datasheet PDF - Cypress Semiconductor
Part # CY7C1363C
Download  CY7C1363C Download
File Size   476.75 Kbytes
Page   30 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 9-Mbit (256K x 36/512K x 18) Flow-Through SRAM

CY7C1363C Datasheet (PDF)

Go To PDF Page Download Datasheet
CY7C1363C Datasheet PDF - Cypress Semiconductor

Part # CY7C1363C
Download  CY7C1363C Click to download

File Size   476.75 Kbytes
Page   30 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 9-Mbit (256K x 36/512K x 18) Flow-Through SRAM

CY7C1363C Datasheet (HTML) - Cypress Semiconductor


CY7C1363C Product details

Functional Description[1]
The CY7C1361C/CY7C1363C is a 3.3V, 256K x 36 and 512K x 18 Synchronous Flowthrough SRAMs, respectively designed to interface with high-speed microprocessors with minimum glue logic. Maximum access delay from clock rise is 6.5 ns (133-MHz version). A 2-bit on-chip counter captures the first address in a burst and increments the address automatically for the rest of the burst access.

Features
• Supports 133-MHz bus operations
• 256K × 36/512K × 18 common I/O
• 3.3V –5% and +10% core power supply (VDD)
• 2.5V or 3.3V I/O supply (VDDQ)
• Fast clock-to-output times
    — 6.5 ns (133-MHz version)
    — 7.5 ns (117-MHz version)
    — 8.5 ns (100-MHz version)
• Provide high-performance 2-1-1-1 access rate
• User-selectable burst counter supporting Intel® Pentium® interleaved or linear burst sequences
• Separate processor and controller address strobes
• Synchronous self-timed write
• Asynchronous output enable
• Available in Lead-Free 100 TQFP,119 BGA and 165 fBGA packages Both 2 and 3 Chip Enable Options for TQFP
• IEEE 1149.1 compatible JTAG Boundary Scan for BGA and fBGA packages
• “ZZ” Sleep Mode option




Similar Part No. - CY7C1363C

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1363C CYPRESS-CY7C1363C Datasheet
567Kb / 31P
9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1363C CYPRESS-CY7C1363C Datasheet
517Kb / 31P
9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1363C CYPRESS-CY7C1363C Datasheet
1Mb / 32P
9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1363C-100AJXC CYPRESS-CY7C1363C-100AJXC Datasheet
567Kb / 31P
9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1363C-100AJXI CYPRESS-CY7C1363C-100AJXI Datasheet
567Kb / 31P
9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
More results


Similar Description - CY7C1363C

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1360 CYPRESS-CY7C1360 Datasheet
895Kb / 34P
9-Mbit (256K x 36/512K x 18) Pipelined SRAM
CY7C1361B CYPRESS-CY7C1361B Datasheet
856Kb / 34P
9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1360C CYPRESS-CY7C1360C Datasheet
423Kb / 31P
9-Mbit (256K x 36/512K x 18) Pipelined SRAM
CY7C1355C CYPRESS-CY7C1355C Datasheet
497Kb / 32P
9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture
CY7C1355C CYPRESS-CY7C1355C_06 Datasheet
504Kb / 28P
9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1361C CYPRESS-CY7C1361C_06 Datasheet
567Kb / 31P
9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1360C CYPRESS-CY7C1360C_06 Datasheet
521Kb / 31P
9-Mbit (256K x 36/512K x 18) Pipelined SRAM
CY7C1381CV25 CYPRESS-CY7C1381CV25 Datasheet
501Kb / 35P
18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1361C CYPRESS-CY7C1361C_09 Datasheet
517Kb / 31P
9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1361C_2009 CYPRESS-CY7C1361C_2009 Datasheet
1Mb / 32P
9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com