Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMH4803DFL Datasheet (PDF) - Summit Microelectronics, Inc.

SMH4803DFL Datasheet PDF - Summit Microelectronics, Inc.
Part # SMH4803DFL
Download  SMH4803DFL Download
File Size   178.21 Kbytes
Page   22 Pages
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.
Description Distributed Power Hot-Swap Controller

SMH4803DFL Datasheet (PDF)

Go To PDF Page Download Datasheet
SMH4803DFL Datasheet PDF - Summit Microelectronics, Inc.

Part # SMH4803DFL
Download  SMH4803DFL Click to download

File Size   178.21 Kbytes
Page   22 Pages
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.
Description Distributed Power Hot-Swap Controller

SMH4803DFL Datasheet (HTML) - Summit Microelectronics, Inc.


SMH4803DFL Product details

DESCRIPTION

The SMH4803 is designed to control hot swapping of plug-in cards operating from a single supply ranging from 20V to 500V. The SMH4803 hot-swap controller provides under-voltage and over-voltage monitoring of the host power supply, it drives an external power MOSFET switch that connects the supply to the load, and also protects against over-current conditions that might disrupt the host supply.



FEATURES

• Supply Range ±20VDC to >±500VDC

• Versatile Card Insertion Detection Supports Both

– Multi-length Pin Systems

– Card Injector Switch Sensing

• Control Up to Four Loads or a Primary Load and 3 DC/DC Converters

• Highly ProgrammableHost Voltage Monitoring

– ProgrammableUnder- and Over-voltage Detection

• ProgrammablePower Good Delays for Sequencing DC/DC Converters

• ProgrammableCircuit Breaker Function

– ProgrammableOver-current Filter

– ProgrammableQuick-Trip™Circuit Breaker Values

– ProgrammableCircuit Breaker Mode

• Duty-Cycle Mode

• Latched Mode

• 2.5V and 5.0V reference outputs

– Easy Expansion of External Monitor Functions




Similar Part No. - SMH4803DFL

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
SMH4803A SUMMIT-SMH4803A Datasheet
430Kb / 19P
Distributed Power Hot Swap Controller
SMH4803AS SUMMIT-SMH4803AS Datasheet
430Kb / 19P
Distributed Power Hot Swap Controller
More results


Similar Description - SMH4803DFL

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1642 LINER-LTC1642 Datasheet
147Kb / 12P
Hot Swap Controller
logo
List of Unclassifed Man...
SMT4004 ETC-SMT4004 Datasheet
480Kb / 23P
Distributed Power Hot-Swap Controller
logo
Summit Microelectronics...
SMH4811 SUMMIT-SMH4811 Datasheet
358Kb / 16P
DISTRIBUTED POWER HOT SWAP CONTROLLER
SMH4042A SUMMIT-SMH4042A Datasheet
1Mb / 28P
Distributed Power Hot-Swap Controller for CompactPCI
SMH4803A SUMMIT-SMH4803A Datasheet
430Kb / 19P
Distributed Power Hot Swap Controller
SMH4812 SUMMIT-SMH4812 Datasheet
435Kb / 19P
Distributed Power Hot-Swap Controller
SMH4811A SUMMIT-SMH4811A_09 Datasheet
936Kb / 15P
Programmable Distributed Power Hot-Swap Controller for High-Availability Systems
SMH4812 SUMMIT-SMH4812_09 Datasheet
428Kb / 18P
Distributed Power Hot-Swap Controller
logo
Linear Technology
LTC1421-2.5 LINER-LTC1421-2.5_15 Datasheet
334Kb / 24P
Hot Swap Controller
LTC4218 LINER-LTC4218_15 Datasheet
318Kb / 18P
Hot Swap Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com