Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC977 Datasheet (PDF) - Analog Devices

HMC977 Datasheet PDF - Analog Devices
Part # HMC977
Download  HMC977 Download
File Size   797.8 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description GaAs, MMIC, I/Q, Downconverter, 20 GHz to 28 GHz

HMC977 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC977 Datasheet PDF - Analog Devices

Part # HMC977
Download  HMC977 Click to download

File Size   797.8 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description GaAs, MMIC, I/Q, Downconverter, 20 GHz to 28 GHz

HMC977 Datasheet (HTML) - Analog Devices




Similar Part No. - HMC977

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC977LP4E HITTITE-HMC977LP4E Datasheet
1Mb / 12P
GaAs MMIC I/Q DOWNCONVERTER 20 - 28 GHz
More results


Similar Description - HMC977

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC572 HITTITE-HMC572 Datasheet
264Kb / 8P
GaAs MMIC I/Q DOWNCONVERTER 24 - 28 GHz
HMC966LP4E HITTITE-HMC966LP4E Datasheet
1Mb / 12P
GaAs MMIC I/Q DOWNCONVERTER 17 - 20 GHz
HMC977LP4E HITTITE-HMC977LP4E Datasheet
1Mb / 12P
GaAs MMIC I/Q DOWNCONVERTER 20 - 28 GHz
HMC567LC5 HITTITE-HMC567LC5 Datasheet
246Kb / 6P
GaAs MMIC I/Q DOWNCONVERTER 7 - 9 GHz
HMC572 HITTITE-HMC572_09 Datasheet
269Kb / 8P
GaAs MMIC I/Q DOWNCONVERTER 24 - 28 GHz
HMC572LC5 HITTITE-HMC572LC5 Datasheet
238Kb / 6P
GaAs MMIC I/Q DOWNCONVERTER 24 - 28 GHz
logo
Analog Devices
HMC908A AD-HMC908A Datasheet
784Kb / 26P
9 GHz to 12 GHz,GaAs, MMIC, I/Q Downconverter
4/2019-Revision 0
ADMV1010 AD-ADMV1010 Datasheet
401Kb / 21P
12.6 GHz to 15.4 GHz, GaAs, MMIC, I/Q Downconverter
4/2018-Rev. A to Rev. B
ADMV1012 AD-ADMV1012 Datasheet
441Kb / 19P
17.5 GHz to 24 GHz, GaAs, MMIC, I/Q Downconverter
2/2018-Rev. 0 to Rev. A
HMC951A AD-HMC951A Datasheet
645Kb / 31P
5.6 GHz to 8.6 GHz, GaAs, MMIC, I/Q Downconverter
4/2018-Rev. 0 to Rev. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com