Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT6JB5 Datasheet (PDF) - Rohm

UT6JB5 Datasheet PDF - Rohm
Part # UT6JB5
Download  UT6JB5 Download
File Size   2670.5 Kbytes
Page   14 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description -40V PchPch Power MOSFET

UT6JB5 Datasheet (PDF)

Go To PDF Page Download Datasheet
UT6JB5 Datasheet PDF - Rohm

Part # UT6JB5
Download  UT6JB5 Click to download

File Size   2670.5 Kbytes
Page   14 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description -40V PchPch Power MOSFET

UT6JB5 Datasheet (HTML) - Rohm




Similar Part No. - UT6JB5

ManufacturerPart #DatasheetDescription
logo
Rohm
UT6J3 ROHM-UT6J3 Datasheet
2Mb / 12P
Small Surface Mount Package
UT6JA2 ROHM-UT6JA2 Datasheet
2Mb / 14P
-30V PchPch Middle Power MOSFET
UT6JC5 ROHM-UT6JC5 Datasheet
2Mb / 14P
-60V PchPch Power MOSFET
UT6JE5 ROHM-UT6JE5 Datasheet
2Mb / 14P
-100V PchPch Power MOSFET
20230322 - Rev.003
More results


Similar Description - UT6JB5

ManufacturerPart #DatasheetDescription
logo
Rohm
QH8JB5 ROHM-QH8JB5 Datasheet
2Mb / 14P
-40V PchPch Small Signal MOSFET
RD3G01BAT ROHM-RD3G01BAT Datasheet
2Mb / 14P
Pch -40V -15A Power MOSFET
RD3G07BAT ROHM-RD3G07BAT Datasheet
2Mb / 14P
Pch -40V -70A Power MOSFET
RF4G060AT ROHM-RF4G060AT Datasheet
2Mb / 14P
Pch -40V -6A Power MOSFET
RQ3G110AT ROHM-RQ3G110AT Datasheet
2Mb / 13P
Pch -40V -35A Power MOSFET
SH8JB5 ROHM-SH8JB5 Datasheet
2Mb / 14P
-40V PchPch Power MOSFET
RQ6G050AT ROHM-RQ6G050AT Datasheet
2Mb / 14P
Pch -40V -5A Power MOSFET
RS1G201AT ROHM-RS1G201AT Datasheet
2Mb / 13P
Pch -40V -78A Power MOSFET
UT6MB5 ROHM-UT6MB5 Datasheet
4Mb / 22P
40V NchPch Power MOSFET
20230126 - Rev.002
HP8MB5 ROHM-HP8MB5 Datasheet
4Mb / 22P
40V NchPch Power MOSFET
20230427 - Rev.002
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com