| Manufacturer | Part # | Datasheet | Description |
 Schneider Electric |
RXM2AB2B7
|
211Kb / 6P |
Harmony, Miniature plug-in relay, 12 A, 2 CO, with LED, with lockable test button, 24 V AC
Aug 4, 2021 |
|
RXM2AB1F7
|
209Kb / 6P |
Harmony, Miniature plug-in relay, 12 A, 2 CO, with lockable test button, 120 V AC
Aug 4, 2021 |
|
RPM23F7
|
201Kb / 6P |
Harmony, Power plug-in relay, 15 A, 2 CO, with LED, 120 V AC
Aug 5, 2021 |
|
RXG23F7
|
266Kb / 7P |
Harmony, Interface plug-in relay, 5 A, 2 CO, with LED, 120 V AC
Aug 11, 2021 |
|
RXM4GB3F7
|
212Kb / 6P |
Harmony, Miniature plug-in relay, 3 A, 4 CO, with LED, 120 V AC
Aug 5, 2021 |
|
RXM2AB2E7
|
210Kb / 6P |
Harmony, Miniature plug-in relay, 12 A, 2 CO, with LED, with lockable test button, 48 V AC
Aug 31, 2021 |
|
RXM2AB2F7
|
210Kb / 6P |
Harmony, Miniature plug-in relay, 12 A, 2 CO, with LED, with lockable test button, 120 V AC
Aug 31, 2021 |
|
RXM2AB2FD
|
211Kb / 6P |
Harmony, Miniature plug-in relay, 12 A, 2 CO, with LED, with lockable test button, 120 V DC
Aug 31, 2021 |
|
RXM2AB3B7
|
203Kb / 6P |
Harmony, Miniature plug-in relay, 12 A, 2 CO, with LED, 24 V AC
Aug 31, 2021 |
|
RXM2AB3BD
|
203Kb / 6P |
Harmony, Miniature plug-in relay, 12 A, 2 CO, with LED, 24 V DC
Aug 31, 2021 |