Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF1090A Datasheet (PDF) - RF Monolithics, Inc

SF1090A Datasheet PDF - RF Monolithics, Inc
Part # SF1090A
Download  SF1090A Download
File Size   171.84 Kbytes
Page   6 Pages
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc
Description 350 MHz SAW Filter

SF1090A Datasheet (PDF)

Go To PDF Page Download Datasheet
SF1090A Datasheet PDF - RF Monolithics, Inc

Part # SF1090A
Download  SF1090A Click to download

File Size   171.84 Kbytes
Page   6 Pages
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc
Description 350 MHz SAW Filter

SF1090A Datasheet (HTML) - RF Monolithics, Inc


SF1090A Product details

350 MHz SAW Filter

• Designed for WLAN IF Applications
• Low Insertion Loss
• 9.1 x 7.1 mm Surface-mount Case
• Unbalanced Input and Output
• RFM Standard-Connection Version of SF1090A-1
• Complies with Directive 2002/95/EC (RoHS)




Similar Part No. - SF1090A

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SF109 GOOD-ARK-SF109 Datasheet
174Kb / 2P
SUPER FAST RECOVERY RECTIFIER
logo
RF Monolithics, Inc
SF1091A RFM-SF1091A Datasheet
236Kb / 9P
211 MHz SAW Filter
logo
Murata Manufacturing Co...
SF1091A MURATA-SF1091A Datasheet
84Kb / 4P
211 MHz SAW Filter
logo
RF Monolithics, Inc
SF1092A RFM-SF1092A Datasheet
230Kb / 9P
199 MHz SAW Filter
logo
Murata Manufacturing Co...
SF1092A MURATA-SF1092A Datasheet
561Kb / 5P
199 MHz SAW Filter
More results


Similar Description - SF1090A

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
855377 TRIQUINT-855377 Datasheet
522Kb / 5P
350 MHz SAW Filter
855399 TRIQUINT-855399 Datasheet
597Kb / 5P
350 MHz SAW Filter
856270 TRIQUINT-856270 Datasheet
584Kb / 5P
350 MHz SAW Filter
856271 TRIQUINT-856271 Datasheet
589Kb / 5P
350 MHz SAW Filter
logo
API Technologies Corp
SF0350BA03152S APITECH-SF0350BA03152S Datasheet
149Kb / 3P
350 MHz SAW Filter 5 MHz Bandwidth
logo
Murata Manufacturing Co...
SF1059A MURATA-SF1059A Datasheet
373Kb / 11P
350 MHz SAW Filter
logo
TriQuint Semiconductor
854565 TRIQUINT-854565_15 Datasheet
458Kb / 6P
350 MHz SAW Filter
855377 TRIQUINT-855377_15 Datasheet
527Kb / 5P
350 MHz SAW Filter
855399 TRIQUINT-855399_15 Datasheet
626Kb / 5P
350 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TB0164A TAI-SAW-TB0164A Datasheet
316Kb / 5P
SAW Filter 350 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com