Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF1102B Datasheet (PDF) - RF Monolithics, Inc

SF1102B Datasheet PDF - RF Monolithics, Inc
Part # SF1102B
Download  SF1102B Download
File Size   128.67 Kbytes
Page   3 Pages
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc
Description 230 MHz SAW Filter

SF1102B Datasheet (PDF)

Go To PDF Page Download Datasheet
SF1102B Datasheet PDF - RF Monolithics, Inc

Part # SF1102B
Download  SF1102B Click to download

File Size   128.67 Kbytes
Page   3 Pages
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc
Description 230 MHz SAW Filter

SF1102B Datasheet (HTML) - RF Monolithics, Inc


SF1102B Product details

230 MHz SAW Filter

• Designed for WCDMA 3G IF Applications
• Quartz Temperature Stability
• Small Size
• Hermetic 7 x 5 Surface-Mount Case
• Complies with Directive 2002/95/EC (RoHS)




Similar Part No. - SF1102B

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF1102A-1 RFM-SF1102A-1 Datasheet
84Kb / 3P
230 MHz SAW Filter
More results


Similar Description - SF1102B

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF1102A-1 RFM-SF1102A-1 Datasheet
84Kb / 3P
230 MHz SAW Filter
logo
TriQuint Semiconductor
855832 TRIQUINT-855832 Datasheet
63Kb / 1P
230 MHz Bandpass Filter
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
Rev X1
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
KR Electronics, Inc.
2836 KR-2836 Datasheet
371Kb / 2P
230 MHz surface mount bandpass filter
logo
API Technologies Corp
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
240 MHz SAW Filter 240 MHz SAW Filter
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TB0837A TAI-SAW-TB0837A Datasheet
381Kb / 7P
SAW Filter 230 MHz(BW=10.0MHz) SMD 5.0mmX7.0mm
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com