Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF1122A Datasheet (PDF) - RF Monolithics, Inc

SF1122A Datasheet PDF - RF Monolithics, Inc
Part # SF1122A
Download  SF1122A Download
File Size   69.01 Kbytes
Page   3 Pages
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc
Description 190 MHz SAW Filter

SF1122A Datasheet (PDF)

Go To PDF Page Download Datasheet
SF1122A Datasheet PDF - RF Monolithics, Inc

Part # SF1122A
Download  SF1122A Click to download

File Size   69.01 Kbytes
Page   3 Pages
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc
Description 190 MHz SAW Filter

SF1122A Datasheet (HTML) - RF Monolithics, Inc


SF1122A Product details

190 MHz SAW Filter

• Designed for CDMA BTS Applications
• Low Insertion Loss
• 9.1 x 7.1 mm Surface-mount Case
• Single Ended Input and Output




Similar Part No. - SF1122A

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF1120B RFM-SF1120B Datasheet
146Kb / 4P
298.74 MHz SAW Filter
logo
Murata Manufacturing Co...
SF1120B MURATA-SF1120B Datasheet
199Kb / 4P
298.74 MHz SAW Filter
logo
List of Unclassifed Man...
SF1121-CHK ETC2-SF1121-CHK Datasheet
61Kb / 1P
ASSEMBLY FOR SF1121
logo
RF Monolithics, Inc
SF1124A RFM-SF1124A Datasheet
184Kb / 6P
190 MHz SAW Filter
SF1124A-000 RFM-SF1124A-000 Datasheet
184Kb / 6P
190 MHz SAW Filter
More results


Similar Description - SF1122A

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF1124A RFM-SF1124A Datasheet
184Kb / 6P
190 MHz SAW Filter
logo
TriQuint Semiconductor
855529 TRIQUINT-855529 Datasheet
44Kb / 1P
190 MHz Bandpass Filter
855625 TRIQUINT-855625 Datasheet
66Kb / 1P
190 MHz Bandpass Filter
855770 TRIQUINT-855770 Datasheet
506Kb / 5P
190 MHz SAW Filter
logo
EPCOS
B7305 EPCOS-B7305 Datasheet
80Kb / 8P
SAW Components IF Filter for Mobile Communication 190 MHz
logo
Integrated Circuit Syst...
SF0190CD01937S ICST-SF0190CD01937S Datasheet
222Kb / 2P
190 MHz Filter for W-CDMA Applications
Rev 03
logo
API Technologies Corp
SF0190BA03154S APITECH-SF0190BA03154S Datasheet
147Kb / 3P
190 MHz SAW Filter 8 MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TB0190A TAI-SAW-TB0190A Datasheet
583Kb / 5P
190 MHz IF SAW Filter (SMD 3.8x3.8mm)
TB0529A TAI-SAW-TB0529A Datasheet
219Kb / 6P
IF SAW Filter 190 MHz (SMD 3.0mmX3.0mm)
logo
TriQuint Semiconductor
855770 TRIQUINT-855770_15 Datasheet
653Kb / 6P
190 MHz SAW Filter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com