Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF1133A Datasheet (PDF) - RF Monolithics, Inc

SF1133A Datasheet PDF - RF Monolithics, Inc
Part # SF1133A
Download  SF1133A Download
File Size   65.97 Kbytes
Page   3 Pages
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc
Description 246 MHz SAW Filter

SF1133A Datasheet (PDF)

Go To PDF Page Download Datasheet
SF1133A Datasheet PDF - RF Monolithics, Inc

Part # SF1133A
Download  SF1133A Click to download

File Size   65.97 Kbytes
Page   3 Pages
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc
Description 246 MHz SAW Filter

SF1133A Datasheet (HTML) - RF Monolithics, Inc


SF1133A Product details

246 MHz SAW Filter

• Designed for GSM BTS Receiver IF Applications
• Compatible with National Semiconductor Chip Set
• Very Flexible Impedance Matching
• Unbalanced or Balanced Input or Output
• Complies with Directive 2002/95/EC (RoHS)




Similar Part No. - SF1133A

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
SF1133-6009 AMPHENOL-SF1133-6009 Datasheet
91Kb / 1P
1.85 mm MALE TO MALE ADAPTER
SF1133-6019 AMPHENOL-SF1133-6019 Datasheet
101Kb / 1P
ADAPTER 1.85mm FEMALE TO 2.92mm MALE
SF1133-6020 AMPHENOL-SF1133-6020 Datasheet
88Kb / 1P
ADAPTER 1.85mm MALE TO 2.92mm FEMALE
SF1133-6021 AMPHENOL-SF1133-6021 Datasheet
85Kb / 1P
ADAPTER 1.85mm FEMALE TO 2.92mm FEMALE
SF1133-6022 AMPHENOL-SF1133-6022 Datasheet
88Kb / 1P
ADAPTER 1.85mm MALE TO 2.92mm FEMALE
More results


Similar Description - SF1133A

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
Rev X1
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TB0266A TAI-SAW-TB0266A Datasheet
351Kb / 8P
SAW Filter 246 MHz SMD 5.0x7.0 mm
logo
API Technologies Corp
SF0246BA02631S APITECH-SF0246BA02631S Datasheet
110Kb / 3P
246 MHz SAW Filter 200 KHz Bandwidth
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
240 MHz SAW Filter 240 MHz SAW Filter
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TA1472A TAI-SAW-TA1472A Datasheet
475Kb / 7P
SAW Filter 246 MHz
TB0266A TAI-SAW-TB0266A Datasheet
351Kb / 8P
SAW Filter 246 MHz SMD 5.0x7.0 mm
TB1320A TAI-SAW-TB1320A Datasheet
354Kb / 7P
246 MHz 240kHzBW SMD 7.0X5.0 mm IF SAW Filter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com