Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABC400 Datasheet (PDF) - Bel Fuse Inc.

ABC400 Datasheet PDF - Bel Fuse Inc.
Part # ABC400
Download  ABC400 Download
File Size   920.82 Kbytes
Page   12 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description Universal AC Input Voltage Range: 90-264 VAC

ABC400 Datasheet (PDF)

Go To PDF Page Download Datasheet
ABC400 Datasheet PDF - Bel Fuse Inc.

Part # ABC400
Download  ABC400 Click to download

File Size   920.82 Kbytes
Page   12 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description Universal AC Input Voltage Range: 90-264 VAC

ABC400 Datasheet (HTML) - Bel Fuse Inc.




Similar Part No. - ABC400

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
ABC400 BEL-ABC400 Datasheet
1Mb / 11P
Power Supplies
logo
Power-One
ABC400-1012G POWER-ONE-ABC400-1012G Datasheet
831Kb / 13P
High efficiency up to 91% at 230VAC
logo
Bel Fuse Inc.
ABC400-1012G BEL-ABC400-1012G Datasheet
1Mb / 11P
Power Supplies
logo
Elma Electronic Ltd
ABC400-1012G ELMA-ABC400-1012G Datasheet
1Mb / 11P
ABC 400 SERIES
logo
Power-One
ABC400-1024G POWER-ONE-ABC400-1024G Datasheet
831Kb / 13P
High efficiency up to 91% at 230VAC
More results


Similar Description - ABC400

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
GECA20 SLPOWER-GECA20 Datasheet
518Kb / 2P
Wide-Range AC Input 90-264 VAC
GECA40 SLPOWER-GECA40 Datasheet
549Kb / 2P
Wide-Range AC Input 90-264 VAC
logo
FSP TECHNOLOGY INC.
FSP042-1K00 FSP-FSP042-1K00 Datasheet
152Kb / 1P
Wide-range input 90-264 VAC
FSP042-1K80 FSP-FSP042-1K80 Datasheet
152Kb / 1P
Wide-range input 90-264 VAC
logo
Arch Electronics Corp.
AQF240U_SERIES ARCH-AQF240U_SERIES Datasheet
255Kb / 2P
Universal Input: 90-264 VAC
AQFC480F_SERIES ARCH-AQFC480F_SERIES Datasheet
493Kb / 5P
Universal Input: 90-264 VAC
AQFV480E_SERIES ARCH-AQFV480E_SERIES Datasheet
550Kb / 7P
Universal Input: 90-264 VAC
logo
Bel Fuse Inc.
PET750-12-050 BEL-PET750-12-050 Datasheet
1Mb / 19P
Wide Input Voltage Range 90-264 VAC
ABC401 BEL-ABC401 Datasheet
1Mb / 14P
Universal input voltage range (90 ??264 VAC)
ABS400 BEL-ABS400 Datasheet
725Kb / 9P
Universal input voltage range (90 ??264 VAC)
More results




About Bel Fuse Inc.


Bel Fuse Inc is a multinational electronics company that specializes in the design and manufacture of a wide range of products, including circuit protection solutions, magnetic components, power solutions, and connectivity solutions.

The company was founded in 1949 and has its headquarters in Jersey City, New Jersey.

Bel Fuse operates globally, serving customers in industries such as telecommunications, data storage, aerospace, and industrial electronics, among others.

The company is known for its high-quality products and innovative technology, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com