Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC880 Datasheet (PDF) - Vitesse Semiconductor Corporation

VSC880 Datasheet PDF - Vitesse Semiconductor Corporation
Part # VSC880
Download  VSC880 Download
File Size   381.46 Kbytes
Page   28 Pages
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation
Description High Performance 16x16 Serial Crosspoint Switch

VSC880 Datasheet (PDF)

Go To PDF Page Download Datasheet
VSC880 Datasheet PDF - Vitesse Semiconductor Corporation

Part # VSC880
Download  VSC880 Click to download

File Size   381.46 Kbytes
Page   28 Pages
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation
Description High Performance 16x16 Serial Crosspoint Switch

VSC880 Datasheet (HTML) - Vitesse Semiconductor Corporation


VSC880 Product details

General Description
The VSC880 is a 16x16 serial crosspoint switch with serial data rates at 2.125Gb/s. The VSC880 has been designed to operate with the VSC870 backplane transceiver to establish a synchronous high performance switching system with an aggregate bandwidth of 32Gb/s. The switch chip transmits the master word clock (62.5Mb/s), and master cell clock (if used) to all port cards through the serial data channels. The transceivers automatically perform bit alignment, word alignment and cell alignment to the switch chip.
   
Features
• 16x16 Synchronous Serial Crosspoint Switch
• Serial Data Rates: 2.0Gb/s
• 32Gb/s Aggregate Data Bandwidth
• Parallel Switches Can Increase Data Bandwidth in
    Multiples of 32Gb/s
• Designed in Conjunction with the VSC870
    Backplane Transceiver
• Automatic Word and Cell Synchronization to the
    Transceiver
• Two Modes of Operation: Distributed Control
    Self-routing Packet Mode and Central Control
    Cell Mode
• Multicast Supported in All Modes
• Supports Variable Length Packets in Packet
    Mode
• Built-in Flow Control Channel in Packet Mode
• Supports Cell Synchronization in Cell Mode
• Parallel CPU Interface and Parallel Switch
    Configuration Interface
• Loopback, Built-in Self Test and Scan Functions
• 5V Tolerant TTL Inputs
• Dual 3.3V/2.5V or Dual 3.3V/2.0V Power
    Supplies
• Serial Port Quadrants Can be Powered Down
• Available in 304 BGA Package
 




Similar Part No. - VSC880

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC882 VITESSE-VSC882 Datasheet
444Kb / 2P
80 Gb/s Intelligent Switch Fabric
More results


Similar Description - VSC880

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQ8015 TRIQUINT-TQ8015 Datasheet
173Kb / 8P
1.25 Gigabit/sec 16x16 Digital ECL Crosspoint Switch
TQ8016 TRIQUINT-TQ8016 Datasheet
233Kb / 9P
1.3 Gigabit/sec 16x16 Digital ECL Crosspoint Switch
TQ8025 TRIQUINT-TQ8025 Datasheet
217Kb / 10P
2.5 Gigabit/sec 16x16 Digital Crosspoint Switch
logo
Intersil Corporation
ISL59530 INTERSIL-ISL59530 Datasheet
1Mb / 22P
16x16 Video Crosspoint
June 12, 2006
ISL59530 INTERSIL-ISL59530_07 Datasheet
1Mb / 22P
16x16 Video Crosspoint
February 7, 2007
ISL59530_0708 INTERSIL-ISL59530_0708 Datasheet
1Mb / 25P
16x16 Video Crosspoint
ISL59530 INTERSIL-ISL59530_11 Datasheet
2Mb / 26P
16x16 Video Crosspoint
April 13, 2011
logo
Renesas Technology Corp
ISL59530 RENESAS-ISL59530 Datasheet
1Mb / 26P
16x16 Video Crosspoint
logo
Analog Devices
AD8114 AD-AD8114_16 Datasheet
403Kb / 25P
16x16 Crosspoint Switches
7/2016-Rev. B to Rev. C
AD8116 AD-AD8116_16 Datasheet
210Kb / 16P
16x16 Buffered Video Crosspoint Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com