Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D10040240GT Datasheet (PDF) - Qorvo, Inc

D10040240GT Datasheet PDF - Qorvo, Inc
Part # D10040240GT
Download  D10040240GT Download
File Size   264.66 Kbytes
Page   3 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description GaAs Power Doubler Hybrid 40MHz to 1000MHz

D10040240GT Datasheet (PDF)

Go To PDF Page Download Datasheet
D10040240GT Datasheet PDF - Qorvo, Inc

Part # D10040240GT
Download  D10040240GT Click to download

File Size   264.66 Kbytes
Page   3 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description GaAs Power Doubler Hybrid 40MHz to 1000MHz

D10040240GT Datasheet (HTML) - Qorvo, Inc




Similar Part No. - D10040240GT

ManufacturerPart #DatasheetDescription
logo
PREMIER DEVICES, INC.
D10040240GT PDI-D10040240GT Datasheet
126Kb / 4P
GaAs Power Doubler, 40 - 1000MHz, 24.0dB min. Gain @ 1GHz, 375mA max. @ 24VDC
logo
RF Micro Devices
D10040240GT RFMD-D10040240GT Datasheet
264Kb / 3P
GaAs Power Doubler Hybrid 40MHz to 1000MHz
logo
PREMIER DEVICES, INC.
D10040240GTH PDI-D10040240GTH Datasheet
225Kb / 4P
GaAs Power Doubler, 40 - 1000MHz, 24.0dB min. Gain @ 1GHz, High, 440mA max. @ 24VDC
logo
RF Micro Devices
D10040240GTH RFMD-D10040240GTH Datasheet
265Kb / 3P
GaAs Power Doubler Hybrid 40MHz to 1000MHz
logo
Qorvo, Inc
D10040240GTH QORVO-D10040240GTH Datasheet
265Kb / 3P
GaAs Power Doubler Hybrid 40MHz to 1000MHz
More results


Similar Description - D10040240GT

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
D10040180GT RFMD-D10040180GT Datasheet
228Kb / 3P
GaAs Power Doubler Hybrid 40MHz to 1000MHz
D10040180GTH RFMD-D10040180GTH Datasheet
264Kb / 3P
GaAs Power Doubler Hybrid 40MHz to 1000MHz
D10040200GT RFMD-D10040200GT Datasheet
265Kb / 3P
GaAs Power Doubler Hybrid 40MHz to 1000MHz
D10040240GT RFMD-D10040240GT Datasheet
264Kb / 3P
GaAs Power Doubler Hybrid 40MHz to 1000MHz
D10040250GT RFMD-D10040250GT Datasheet
265Kb / 3P
GaAs Power Doubler Hybrid 40MHz to 1000MHz
D10040250GTH RFMD-D10040250GTH Datasheet
265Kb / 3P
GaAs Power Doubler Hybrid 40MHz to 1000MHz
D10040270GTH RFMD-D10040270GTH Datasheet
265Kb / 3P
GaAs Power Doubler Hybrid 40MHz to 1000MHz
logo
Qorvo, Inc
D10040270GT QORVO-D10040270GT Datasheet
265Kb / 3P
GaAs Power Doubler Hybrid 40MHz to 1000MHz
D10040200GTH QORVO-D10040200GTH Datasheet
265Kb / 3P
GaAs Power Doubler Hybrid 40MHz to 1000MHz
D10040180GTH QORVO-D10040180GTH Datasheet
264Kb / 3P
GaAs Power Doubler Hybrid 40MHz to 1000MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com