Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDB120 Datasheet (PDF) - Bel Fuse Inc.

LDB120 Datasheet PDF - Bel Fuse Inc.
Part # LDB120
Download  LDB120 Download
File Size   409.39 Kbytes
Page   4 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description Output: 12 or 24 VDC model dependent

LDB120 Datasheet (PDF)

Go To PDF Page Download Datasheet
LDB120 Datasheet PDF - Bel Fuse Inc.

Part # LDB120
Download  LDB120 Click to download

File Size   409.39 Kbytes
Page   4 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description Output: 12 or 24 VDC model dependent

LDB120 Datasheet (HTML) - Bel Fuse Inc.




Similar Part No. - LDB120

ManufacturerPart #DatasheetDescription
logo
DONG IL TECHNOLOGY LTD.
LDB12097 DIT-LDB12097 Datasheet
865Kb / 2P
CHOKE COIL
More results


Similar Description - LDB120

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
MVDU100-12-P DIALIGHT-MVDU100-12-P Datasheet
188Kb / 2P
12 OR 24 VDC OUTPUT
logo
Bel Fuse Inc.
LDX-C120 BEL-LDX-C120 Datasheet
474Kb / 4P
DC-UPS with charging function of a 12 or 24 VDC battery
logo
Mallory Sonalert Produc...
STA20302 MSPI-STA20302 Datasheet
256Kb / 1P
Voltage Rating 12 to 24 Vdc
STA22702W MSPI-STA22702W Datasheet
239Kb / 1P
Voltage Rating 12 to 24 Vdc
logo
Bel Fuse Inc.
MCC750 BEL-MCC750 Datasheet
1Mb / 12P
Single 24 VDC or 48 VDC output voltages available
logo
WAGO Kontakttechnik Gmb...
787-1650 WAGO-787-1650 Datasheet
84Kb / 6P
DC/DC Converter; 24 VDC input voltage; 12 VDC output voltage
787-2805 WAGO-787-2805 Datasheet
390Kb / 6P
DC/DC Converter; 24 VDC input voltage; 12 VDC output voltage; 0.5 A
787-2810 WAGO-787-2810 Datasheet
419Kb / 6P
DC/DC Converter; 24 VDC input voltage; 5/10/12 VDC adjustable output voltage
859-804 WAGO-859-804 Datasheet
105Kb / 6P
DC/DC Converter; 12 VDC input voltage; 24 VDC output voltage
18.10.2021
logo
Advantech Co., Ltd.
PPC-IPS ADVANTECH-PPC-IPS Datasheet
416Kb / 2P
12-30 VDC input/24 VDC output, Uninterruptible Power Supply Module
24-Mar-2022
More results




About Bel Fuse Inc.


Bel Fuse Inc is a multinational electronics company that specializes in the design and manufacture of a wide range of products, including circuit protection solutions, magnetic components, power solutions, and connectivity solutions.

The company was founded in 1949 and has its headquarters in Jersey City, New Jersey.

Bel Fuse operates globally, serving customers in industries such as telecommunications, data storage, aerospace, and industrial electronics, among others.

The company is known for its high-quality products and innovative technology, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com