Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WT50F5 Datasheet (PDF) - List of Unclassifed Manufacturers

WT50F5 Datasheet PDF - List of Unclassifed Manufacturers
Part # WT50F5
Download  WT50F5 Download
File Size   42.44 Kbytes
Page   4 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description 8-bit m C with 8KB Flash Memory, an 8-CH 12-bit A/D Converter and 16x4 LCD Driver

WT50F5 Datasheet (PDF)

Go To PDF Page Download Datasheet
WT50F5 Datasheet PDF - List of Unclassifed Manufacturers

Part # WT50F5
Download  WT50F5 Click to download

File Size   42.44 Kbytes
Page   4 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description 8-bit m C with 8KB Flash Memory, an 8-CH 12-bit A/D Converter and 16x4 LCD Driver

WT50F5 Datasheet (HTML) - List of Unclassifed Manufacturers


WT50F5 Product details

[Weltrend]

DESCRIPTION
The WT50F5 is a high-performance, low-cost, CMOS 8-bit single-chip microcontroller with 8Kbytes on-chip flash memory, an 8-channel 12-bit analog to digital converter and 16x4 LCD driver. This chip is suitable for variable applications, especially where analog signal (sensor output) to digital signal conversion, LCD display and short development cycle are required, including industrial control, consumer, communications, and security products.
This chip has 8-bit CPU, RAM, flash memory, I/Os, dual 16-bit timer/counters, interrupt controller, 16x4 LCD driver and an 8-channel 12-bit A/D converter. To be suitable for portable batterypowered applications, a power saving function is included.

FEATURES
◆ 8-bit single chip microcontroller with 8K bytes flash memory and 384bytes SRAM
◆ Wide voltage operating range from 2.7 V to 5.5 V
◆ On-chip RC oscillator runs at 2MHz and crystal oscillator can run up to 6.0 MHz
◆ 6 interrupt sources (external:1; internal:5) ; all sources have independent latches each and
   multiple interrupt control is available
◆ I/O port (32 pins)
   ◆ Port P0 8 pins (shared with analog inputs; 4 pins with 20 mA sink current)
   ◆ Port P1 8 pins (20 mA sink current)
   ◆ Port P2 8 pins (shared with SEG9~SEG16)
   ◆ Port P3 8 pins (shared with SEG1~SEG8)
◆ Interval Timer (Internal time base generator)
◆ Operating current 2mA/4MHz@5V; providing standby mode (OSC is
   stopped and current consumption < 1 uA@5V) and key wake-up mode
◆ Watchdog timer
◆ Dual PWM
◆ Dual 16-bit timer/counters
◆ A/D converter module
   ◆ 8 analog inputs multiplexed into one A/D converter
   ◆ Sample and hold
   ◆ 20 μS conversion time/per channel
   ◆ 12-bit resolution with ±2 LSB accuracy
   ◆ External reference input, ADVRF
◆ LCD driver (automatically display)
   ◆ LCD direct drive (max. 8-digit display at 1/4 duty)
   ◆ 1/4, 1/3, 1/2 duties and 1/2, 1/3 biases can be selected by programming
◆ Programming lock for software security; read/write protection (signature compare)
◆ Package: 40-pin PDIP




Similar Part No. - WT50F5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WT50F6 ETC2-WT50F6 Datasheet
109Kb / 5P
8-bit 關C with UART, 12-bit A/D Converter PWM and 16 x4 LCD Driver
logo
Weltrend Semiconductor
WT50F6 WELTREND-WT50F6 Datasheet
109Kb / 5P
8-BIT UC WITH UART, 12-BIT A/D CONVERTER PWM AND 16*4 LCD DRIVER
More results


Similar Description - WT50F5

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM65344A OKI-MSM65344A Datasheet
125Kb / 16P
8-Bit Microcontroller with A/D Converter (with LCD Driver)
MSM65352 OKI-MSM65352 Datasheet
110Kb / 15P
8-Bit Microcontroller with 4-Bit A/D Converter (with LCD Driver)
MSM65354 OKI-MSM65354 Datasheet
137Kb / 20P
8-Bit Microcontroller with A/D Converter (with LCD Driver)
MSM65355 OKI-MSM65355 Datasheet
129Kb / 18P
8-Bit Microcontroller with A/D Converter (with LCD Driver)
logo
List of Unclassifed Man...
WT65F4 ETC-WT65F4 Datasheet
115Kb / 7P
USB uC with 8KB ISP Flash Memory and 12-bit A/D Converter
WT5053 ETC-WT5053 Datasheet
117Kb / 6P
8-bit C with 4KB ROM and an 8CH 12-bit A/D Converter
WT5060 ETC2-WT5060 Datasheet
109Kb / 5P
8-bit 關C with UART, 12-bit A/D Converter PWM and 16 x4 LCD Driver
logo
Weltrend Semiconductor
WT5058 WELTREND-WT5058 Datasheet
43Kb / 7P
8-bit m C with 8KB ROM, an 8-CH 12-bit A/D Converter and 16x4 LCD Driver
WT50F6 WELTREND-WT50F6 Datasheet
109Kb / 5P
8-BIT UC WITH UART, 12-BIT A/D CONVERTER PWM AND 16*4 LCD DRIVER
logo
Unisonic Technologies
M62364 UTC-M62364_15 Datasheet
229Kb / 8P
8-BIT 8-CH MULTIPLYING D-A CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com