Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDN40 Datasheet (PDF) - Bel Fuse Inc.

LDN40 Datasheet PDF - Bel Fuse Inc.
Part # LDN40
Download  LDN40 Download
File Size   615.99 Kbytes
Page   4 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description Single phase AC input 90 - 264 VAC (110 - 345 VDC)

LDN40 Datasheet (PDF)

Go To PDF Page Download Datasheet
LDN40 Datasheet PDF - Bel Fuse Inc.

Part # LDN40
Download  LDN40 Click to download

File Size   615.99 Kbytes
Page   4 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description Single phase AC input 90 - 264 VAC (110 - 345 VDC)

LDN40 Datasheet (HTML) - Bel Fuse Inc.




Similar Part No. - LDN40

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LDN4330T1G LRC-LDN4330T1G Datasheet
1Mb / 5P
Dual N-Channel 30-V (D-S) MOSFET
LDN4340T1G LRC-LDN4340T1G Datasheet
436Kb / 5P
Dual N-Channel 30-V (D-S) MOSFET
logo
Bel Fuse Inc.
LDN480-24 BEL-LDN480-24 Datasheet
415Kb / 4P
Single phase AC input 187 - 264 VAC (250 ??375 VDC)
LDN481 BEL-LDN481 Datasheet
540Kb / 4P
Industrial automation
LDN481-24 BEL-LDN481-24 Datasheet
540Kb / 4P
Industrial automation
More results


Similar Description - LDN40

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
GECA20 SLPOWER-GECA20 Datasheet
518Kb / 2P
Wide-Range AC Input 90-264 VAC
GECA40 SLPOWER-GECA40 Datasheet
549Kb / 2P
Wide-Range AC Input 90-264 VAC
logo
Arch Electronics Corp.
AQF240U_SERIES ARCH-AQF240U_SERIES Datasheet
255Kb / 2P
Universal Input: 90-264 VAC
AQFV480E_SERIES ARCH-AQFV480E_SERIES Datasheet
550Kb / 7P
Universal Input: 90-264 VAC
logo
Bel Fuse Inc.
LDN120-12 BEL-LDN120-12 Datasheet
410Kb / 4P
Single phase AC input 90 ??264 VAC (110 - 345 VDC)
LDN480-24 BEL-LDN480-24 Datasheet
415Kb / 4P
Single phase AC input 187 - 264 VAC (250 ??375 VDC)
ABC400 BEL-ABC400_V01 Datasheet
920Kb / 12P
Universal AC Input Voltage Range: 90-264 VAC
LDN80 BEL-LDN80 Datasheet
598Kb / 4P
Single phase AC input 90 - 264 VAC (110 - 345 VDC
LDN120 BEL-LDN120 Datasheet
542Kb / 4P
Single phase AC input 90 ??264 VAC (110 - 345 VDC
PEC1600-12-074XA BEL-PEC1600-12-074XA Datasheet
694Kb / 13P
Input Voltage Range 90 ??264 VAC / 180 ??300 VDC
More results




About Bel Fuse Inc.


Bel Fuse Inc is a multinational electronics company that specializes in the design and manufacture of a wide range of products, including circuit protection solutions, magnetic components, power solutions, and connectivity solutions.

The company was founded in 1949 and has its headquarters in Jersey City, New Jersey.

Bel Fuse operates globally, serving customers in industries such as telecommunications, data storage, aerospace, and industrial electronics, among others.

The company is known for its high-quality products and innovative technology, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com