Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9989 Datasheet (PDF) - Maxim Integrated Products

MAX9989 Datasheet PDF - Maxim Integrated Products
Part # MAX9989
Download  MAX9989 Download
File Size   230.5 Kbytes
Page   7 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 14dBm to 20dBm Adjustable Output Power

MAX9989 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX9989 Datasheet PDF - Maxim Integrated Products

Part # MAX9989
Download  MAX9989 Click to download

File Size   230.5 Kbytes
Page   7 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 14dBm to 20dBm Adjustable Output Power

MAX9989 Datasheet (HTML) - Maxim Integrated Products




Similar Part No. - MAX9989

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9989 MAXIM-MAX9989 Datasheet
273Kb / 12P
14dBm to 20dBm LO Buffers with 짹1dB Variation
Rev 0; 7/02
MAX9989ETP MAXIM-MAX9989ETP Datasheet
273Kb / 12P
14dBm to 20dBm LO Buffers with 짹1dB Variation
Rev 0; 7/02
More results


Similar Description - MAX9989

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5994 STMICROELECTRONICS-L5994 Datasheet
70Kb / 8P
ADJUSTABLE TRIPLE OUTPUT POWER SUPPLY CONTROLLER
Sep-1999
logo
Motorola, Inc
MC34710 MOTOROLA-MC34710 Datasheet
518Kb / 16P
Adjustable Dual Output Switching Power Supply
logo
Maxim Integrated Produc...
MAX9987 MAXIM-MAX9987 Datasheet
287Kb / 12P
14dBm to 20dBm LO Buffers/Splitters with 짹1dB Variation
Rev 0; 4/02
MAX9989 MAXIM-MAX9989 Datasheet
273Kb / 12P
14dBm to 20dBm LO Buffers with 짹1dB Variation
Rev 0; 7/02
logo
STMicroelectronics
L5994 STMICROELECTRONICS-L5994_02 Datasheet
302Kb / 26P
ADJUSTABLE TRIPLE OUTPUT POWER SUPPLY CONTROLLER
Apr-2002
logo
Texas Instruments
LM2727 TI-LM2727 Datasheet
1Mb / 31P
input Power from 2.2V to 16V, Output voltage Adjustable Down to 0.6V
logo
Richtek Technology Corp...
RT8269GSP RICHTEK-RT8269GSP Datasheet
198Kb / 12P
Adjustable Output Voltage Range : 0.92V to 15V
logo
M.S. Kennedy Corporatio...
MSK5012 MSK-MSK5012_15 Datasheet
747Kb / 7P
Output Voltage Adjustable from 1.30V to 36V
logo
Unisonic Technologies
P2680L-SH2-R UTC-P2680L-SH2-R Datasheet
156Kb / 5P
Output Adjustable
logo
Transcom, Inc.
TA060-180-35-20 TRANSCOM-TA060-180-35-20 Datasheet
77Kb / 2P
6 ~ 18 GHz 20dBm Power Amplifier
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com