Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPB8808 Datasheet (PDF) - Qorvo, Inc

QPB8808 Datasheet PDF - Qorvo, Inc
Part # QPB8808
Download  QPB8808 Download
File Size   493.27 Kbytes
Page   11 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 20 dB CATV 12 V Power Doubler

QPB8808 Datasheet (PDF)

Go To PDF Page Download Datasheet
QPB8808 Datasheet PDF - Qorvo, Inc

Part # QPB8808
Download  QPB8808 Click to download

File Size   493.27 Kbytes
Page   11 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 20 dB CATV 12 V Power Doubler

QPB8808 Datasheet (HTML) - Qorvo, Inc




Similar Part No. - QPB8808

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPB8857 QORVO-QPB8857 Datasheet
1Mb / 14P
75 28dB CATV Doubler Amplifier 47 ??1218MHz
QPB8857 QORVO-QPB8857 Datasheet
1Mb / 13P
75Ω 28dB CATV Doubler Amplifier 47 – 1218MHz
July 27, 2021
QPB8857EVB QORVO-QPB8857EVB Datasheet
1Mb / 14P
75 28dB CATV Doubler Amplifier 47 ??1218MHz
QPB8857EVB QORVO-QPB8857EVB Datasheet
1Mb / 13P
75Ω 28dB CATV Doubler Amplifier 47 – 1218MHz
July 27, 2021
QPB8857SB QORVO-QPB8857SB Datasheet
1Mb / 13P
75Ω 28dB CATV Doubler Amplifier 47 – 1218MHz
July 27, 2021
More results


Similar Description - QPB8808

ManufacturerPart #DatasheetDescription
logo
NEC
MC7866 NEC-MC7866 Datasheet
22Kb / 2P
CATV 22 dB POWER DOUBLER AMPLIFIER
MC-7862G NEC-MC-7862G Datasheet
24Kb / 2P
CATV 18 dB POWER DOUBLER AMPLIFIER
MC-7862 NEC-MC-7862 Datasheet
22Kb / 2P
CATV 18 dB POWER DOUBLER AMPLIFIER
MC-7866G NEC-MC-7866G Datasheet
23Kb / 2P
CATV 22 dB POWER DOUBLER AMPLIFIER
logo
California Eastern Labs
MC-7862 CEL-MC-7862 Datasheet
25Kb / 2P
CATV 18 dB POWER DOUBLER AMPLIFIER
MC-7862G CEL-MC-7862G Datasheet
27Kb / 2P
CATV 18 dB POWER DOUBLER AMPLIFIER
MC-7866 CEL-MC-7866 Datasheet
25Kb / 2P
CATV 22 dB POWER DOUBLER AMPLIFIER
MC-7866G CEL-MC-7866G Datasheet
26Kb / 2P
CATV 22 dB POWER DOUBLER AMPLIFIER
MC-7882 CEL-MC-7882 Datasheet
290Kb / 7P
870 MHz CATV 20 dB POWER DOUBLER AMPLIFIER
logo
Quanzhou Jinmei Electro...
MC-7882_2015 JMNIC-MC-7882_2015 Datasheet
39Kb / 6P
870 MHz CATV 20 dB POWER DOUBLER AMPLIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com