Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC92062L3ML Datasheet (PDF) - Torex Semiconductor

XC92062L3ML Datasheet PDF - Torex Semiconductor
Part # XC92062L3ML
Download  XC92062L3ML Download
File Size   179.63 Kbytes
Page   15 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description PWM, PWM/PFM Switchable Step-Down DC/DC Converters with Driver Transistor Built-In

XC92062L3ML Datasheet (PDF)

Go To PDF Page Download Datasheet
XC92062L3ML Datasheet PDF - Torex Semiconductor

Part # XC92062L3ML
Download  XC92062L3ML Click to download

File Size   179.63 Kbytes
Page   15 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description PWM, PWM/PFM Switchable Step-Down DC/DC Converters with Driver Transistor Built-In

XC92062L3ML Datasheet (HTML) - Torex Semiconductor


XC92062L3ML Product details

GENERAL DESCRIPTION
The XC9206/XC9207/XC9208 series is a group of DC/DC converters with a built-in 0.4Ω P-channel driver transistor, offered in a SOT-25 package. The ICs are designed to provide high efficiencies and a stable power supply with an output current of 500mA using only a coil, a diode and two ceramic capacitors connected externally.
Minimum operating voltage of the XC9206/9207 is 1.8V and 2.0V for XC9208. Output voltage is internally programmable in a range from 0.9V to 4.0V in 100mV increments (accuracy: ±2.0%). Oscillation frequency is selectable from 300kHz, 600kHz and 1.2MHz so that the frequency best suited to your particular application can be selected. Each series features different operation modes: PWM control (XC9206 series), automatic PWM/PFM switching control (XC9207 series) and manual PWM/PFM switching control (XC9208 series). The series gives fast transient response, low ripple and high efficiency over the full range of load (from light load to high output current conditions). The soft start and current control functions are internally optimized. During stand-by, all circuits are shutdown to reduce current consumption to as low as 1.0μ A or less. With the built-in U.V.L.O. (Under Voltage Lock Out) function, the internal P-channel driver transistor is forced OFF when input voltage becomes 1.4V or lower.

■ FEATURES
   P-ch driver Tr. Built-in : ON resistance 0.4Ω
   Output Voltage Range : 0.9V ~ 4.0V (100mV increments) Fixed output voltage accuracy ±2%
   Oscillation Frequency : 300kHz, 600kHz, 1.2MHz Fixed oscillation frequency Accuracy ±15%
   Stand-by function : Istb = 1μ A (MAX.)
   Current Limiter built-in : 600mA
   Input Voltage Range : 1.8V ~ 6.0V(XC9206/XC9207)
                                       2.0V ~ 6.0V (XC9208)
   Output Current : 500mA
   Maximum Duty Ratio : 100%
   PWM/PFM Switching Control (XC9207 / XC9208)
   Ceramic Capacitor Compatible
   Soft start circuit built-in
   Small Package : SOT-25

■ APPLICATIONS
● Mobile phones
   ( PDC, GSM, CDMA, IMT2000 etc.)
● PDAs, Portable communication modems
● Portable games
● Cameras, digital cameras
● Cordless phones
● Note book computers




Similar Part No. - XC92062L3ML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9206 TOREX-XC9206 Datasheet
474Kb / 16P
PWM, PWM/PFM Switchable Step-Down DC/DC Converters with Driver Transistor Built-In
XC9206 TOREX-XC9206_1 Datasheet
474Kb / 16P
PWM, PWM/PFM Switchable Step-Down DC/DC Converters with Driver Transistor Built-In
More results


Similar Description - XC92062L3ML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6368 TOREX-XC6368 Datasheet
431Kb / 28P
PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6376 TOREX-XC6376 Datasheet
306Kb / 17P
PWM Controlled PWM/PFM Switchable Step-down DC/DC Converters
XC6365 TOREX-XC6365 Datasheet
1Mb / 21P
PWM Controllde, PWM/PFM Switchable Step-Down DC/DC Converers
XC6367 TOREX-XC6367 Datasheet
1Mb / 27P
PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6365 TOREX-XC6365_1 Datasheet
1Mb / 23P
PWM Controllde, PWM/PFM Switchable Step-Down DC/DC Converers
XC6367 TOREX-XC6367_1 Datasheet
1Mb / 28P
PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC9206 TOREX-XC9206_1 Datasheet
474Kb / 16P
PWM, PWM/PFM Switchable Step-Down DC/DC Converters with Driver Transistor Built-In
XC6365 TOREX-XC6365_2 Datasheet
1Mb / 24P
PWM Controlled, PWM/PFM Switchable Step-Down DC/DC Converters
logo
Unisonic Technologies
UC3550 UTC-UC3550_10 Datasheet
368Kb / 10P
PWM CONTROLLED,PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
UC3550 UTC-UC3550_15 Datasheet
386Kb / 11P
PWM CONTROLLED, PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com