Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RS1L151AT Datasheet (PDF) - Rohm

RS1L151AT Datasheet PDF - Rohm
Part # RS1L151AT
Download  RS1L151AT Download
File Size   2764.79 Kbytes
Page   13 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Pch -60V -56A Power MOSFET

RS1L151AT Datasheet (PDF)

Go To PDF Page Download Datasheet
RS1L151AT Datasheet PDF - Rohm

Part # RS1L151AT
Download  RS1L151AT Click to download

File Size   2764.79 Kbytes
Page   13 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Pch -60V -56A Power MOSFET

RS1L151AT Datasheet (HTML) - Rohm




Similar Part No. - RS1L151AT

ManufacturerPart #DatasheetDescription
logo
Rohm
RS1L120GN ROHM-RS1L120GN Datasheet
2Mb / 14P
Nch 30V 38A Power MOSFET
RS1L145GN ROHM-RS1L145GN Datasheet
2Mb / 13P
Nch 60V 47A Power MOSFET
RS1L180GN ROHM-RS1L180GN Datasheet
2Mb / 13P
Nch 60V 68A Power MOSFET
20210419 - Rev.006
More results


Similar Description - RS1L151AT

ManufacturerPart #DatasheetDescription
logo
Rohm
SH8J31 ROHM-SH8J31 Datasheet
2Mb / 14P
-60V Pch Pch Middle Power MOSFET
SH8M31 ROHM-SH8M31 Datasheet
4Mb / 22P
60V NchPch Power MOSFET
RD3L140SP ROHM-RD3L140SP Datasheet
2Mb / 16P
Pch -60V -14A Power MOSFET
RD3L140SPFRA ROHM-RD3L140SPFRA Datasheet
2Mb / 15P
Pch -60V -14A Power MOSFET
RD3L01BAT ROHM-RD3L01BAT Datasheet
2Mb / 14P
Pch -60V -10A Power MOSFET
SH8JC5 ROHM-SH8JC5 Datasheet
2Mb / 14P
-60V PchPch Power MOSFET
UT6JC5 ROHM-UT6JC5 Datasheet
2Mb / 14P
-60V PchPch Power MOSFET
RQ3L070AT ROHM-RQ3L070AT Datasheet
2Mb / 13P
Pch -60V -25A Power MOSFET
RS3L110AT ROHM-RS3L110AT Datasheet
2Mb / 14P
Pch -60V -11A Power MOSFET
UT6MC5 ROHM-UT6MC5 Datasheet
4Mb / 22P
60V NchPch Power MOSFET
20230126 - Rev.002
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com