Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX12528 Datasheet (PDF) - Maxim Integrated Products

MAX12528 Datasheet PDF - Maxim Integrated Products
Part # MAX12528
Download  MAX12528 Download
File Size   426.44 Kbytes
Page   28 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Dual, 80Msps, 12-Bit, IF/Baseband ADC

MAX12528 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX12528 Datasheet PDF - Maxim Integrated Products

Part # MAX12528
Download  MAX12528 Click to download

File Size   426.44 Kbytes
Page   28 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Dual, 80Msps, 12-Bit, IF/Baseband ADC

MAX12528 Datasheet (HTML) - Maxim Integrated Products


MAX12528 Product details

General Description
The MAX12528 is a dual 80Msps, 12-bit analog-to-digital converter (ADC) featuring fully differential wideband track-and-hold (T/H) inputs, driving internal quantizers. The MAX12528 is optimized for low power, small size, and high dynamic performance in intermediate frequency (IF) and baseband sampling applications. This dual ADC operates from a single 3.3V supply, consuming only 726mW while delivering a typical 69.8dB signal-to-noise ratio (SNR) performance at a 175MHz input frequency. The T/H input stages accept single-ended or differential inputs up to 400MHz. In addition to low operating power, the MAX12528 features a 330µW powerdown mode to conserve power during idle periods.

Features
♦ Direct IF Sampling Up to 400MHz
♦ Excellent Dynamic Performance
    70.7dB/69.8dB SNR at fIN = 70MHz/175MHz
    78.2dBc/72.9dBc SFDR at fIN = 70MHz/175MHz
♦ 3.3V Low-Power Operation
    760mW (Differential Clock Mode)
    726mW (Single-Ended Clock Mode)
♦ Fully Differential or Single-Ended Analog Input
♦ Adjustable Differential Analog Input Voltage
♦ 750MHz Input Bandwidth
♦ Internal, External, or Shared Reference
♦ Differential or Single-Ended Clock
♦ Accepts 25% to 75% Clock Duty Cycle
♦ User-Selectable DIV2 and DIV4 Clock Modes
♦ Power-Down Mode
♦ CMOS Outputs in Two’s Complement or Gray Code
♦ Out-of-Range and Data-Valid Indicators
♦ Compact, 68-Pin Thin QFN Package (10mm x 10mm x 0.8mm)
♦ Evaluation Kit Available (Order MAX12528EVKIT)

Applications
    IF and Baseband Communication Receivers Cellular, LMDS, Point-to-Point Microwave, MMDS, HFC, WLAN
    I/Q Receivers
    Medical Imaging
    Portable Instrumentation
    Digital Set-Top Boxes
    Low-Power Data Acquisition




Similar Part No. - MAX12528

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX12528 MAXIM-MAX12528 Datasheet
400Kb / 30P
Dual, 96Msps, 14-Bit, IF/Baseband ADC
Rev 1; 4/07
MAX12528 MAXIM-MAX12528 Datasheet
753Kb / 21P
Low-Voltage and Low-Power Operation
Rev 2; 3/21
MAX12528ETK MAXIM-MAX12528ETK Datasheet
753Kb / 21P
Low-Voltage and Low-Power Operation
Rev 2; 3/21
MAX12528EVKIT MAXIM-MAX12528EVKIT Datasheet
753Kb / 21P
Low-Voltage and Low-Power Operation
Rev 2; 3/21
More results


Similar Description - MAX12528

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX12527 MAXIM-MAX12527 Datasheet
649Kb / 28P
Dual, 65Msps, 12-Bit, IF/Baseband ADC
Rev 0; 2/05
MAX12557 MAXIM-MAX12557 Datasheet
905Kb / 28P
Dual, 65Msps, 14-Bit, IF/Baseband ADC
Rev 0; 2/05
MAX12559 MAXIM-MAX12559 Datasheet
400Kb / 30P
Dual, 96Msps, 14-Bit, IF/Baseband ADC
Rev 1; 4/07
logo
Linear Technology
LTC1749 LINER-LTC1749 Datasheet
282Kb / 20P
12-Bit, 80Msps Wide Bandwidth ADC
LTC2294 LINER-LTC2294 Datasheet
716Kb / 24P
Dual 12-Bit, 80Msps Low Power 3V ADC
LTC1747 LINER-LTC1747_15 Datasheet
497Kb / 20P
12-Bit, 80Msps Low Noise ADC
LTC2294 LINER-LTC2294_15 Datasheet
722Kb / 24P
Dual 12-Bit, 80Msps Low Power 3V ADC
logo
Maxim Integrated Produc...
MAX12558 MAXIM-MAX12558 Datasheet
469Kb / 30P
Dual, 80Msps, 14-Bit, IF/Baseband ADC
2004
MAX1208 MAXIM-MAX1208 Datasheet
1Mb / 27P
12-Bit, 80Msps, 3.3V ADC
2004
MAX1209 MAXIM-MAX1209 Datasheet
372Kb / 27P
12-Bit, 80Msps, 3.3V IF-Sampling ADC
2004
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com